Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65DP149 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # SN65DP149
Description  3.4 Gbps DP to HDMI Retimer
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65DP149 Datasheet(HTML) 39 Page - Texas Instruments

Back Button SN65DP149 Datasheet HTML 35Page - Texas Instruments SN65DP149 Datasheet HTML 36Page - Texas Instruments SN65DP149 Datasheet HTML 37Page - Texas Instruments SN65DP149 Datasheet HTML 38Page - Texas Instruments SN65DP149 Datasheet HTML 39Page - Texas Instruments SN65DP149 Datasheet HTML 40Page - Texas Instruments SN65DP149 Datasheet HTML 41Page - Texas Instruments SN65DP149 Datasheet HTML 42Page - Texas Instruments SN65DP149 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
SN65DP149, SN75DP149
www.ti.com
SLLSEL2A – SEPTEMBER 2015 – REVISED DECEMBER 2015
Typical Application (continued)
9.2.1 Design Requirements
The SNx5DP149 can be designed into many types of applications. All applications have certain requirements for
the system to work properly. Two voltage rails are required to support the lowest possible power consumption.
The OE pin must have a 0.1-µF capacitor to ground. This pin can be driven by a processor but the pin needs to
change states after voltage rails have stabilized. Configure the device by using I2C. Pin strapping is provided as
I2C is not available in all cases. Because sources may have different naming conventions, confirm the link
between the source and the SNx5DP149 is correctly mapped. A swap function is provided for the input pins in
case signaling is reversed between the source and the device. For the control pins the values provided below are
when they are being controlled by a micro-controller. If this is not the case then using the 65-k
Ω for a pull up for
high, pulled down for low, and left floating for mid level.
Table 13. Design Parameters
DESIGN PARAMETER
VALUE
VCC
3.3 V
VDD
1.1 V
Main link input voltage
VID = 75 mVpp to 1.2 Vpp
Control pin Low
65-k
Ω pulled to GND
Control pin Mid
No Connect
Control pin High
65-k
Ω pulled to 3.3-V
Vsadj resistor
7.06-k
Ω
Main link AC decoupling capacitor
75 to 200 nF, recommend 100 nF
9.2.2 Detailed Design Procedure
The SNx5DP149 is a signal conditioner that provides AC coupling to DC coupling level shifting, to support Dual
Mode DisplayPort-capable GPUs or GPUs with AC-coupled drive capability to support HDMI or DVI connectors
and compliance. Signal conditioning is accomplished using receive equalization, retiming, and output driver
configurability. The transmitter drives 2 to 3 inches of board trace and connector.
Designing in the SNx5DP149 requires the following:
•
Determine the loss profile between the GPU and the HDMI/DVI connector.
•
Based upon the loss profile and signal swing, determine the optimal location for the SNx5DP149, to pass
electrical compliance.
•
Use the typical application drawings in Use Case of SNx5DP149 for information on using the AC coupling
capacitors and control pin resistors.
•
The DP149 has a receiver adaptive equalizer by default but can also be configured for fixed value
equalization using the EQ_SEL control pin.
•
Set the VOD, pre-emphasis, termination, and edge rate levels to support compliance by using the appropriate
Vsadj resistor value and by setting the PRE_SEL and SLEW_CTL control pins.
•
The thermal pad must be connected to ground.
•
See the schematics in Application Information on recommended decouple capacitors from VCC pins to
ground.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: SN65DP149 SN75DP149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com