Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6986 Datasheet(PDF) 53 Page - STMicroelectronics

Part # A6986
Description  38 V, 2 A synchronous step-down switching regulator with 30 µA quiescent current
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button A6986 Datasheet HTML 49Page - STMicroelectronics A6986 Datasheet HTML 50Page - STMicroelectronics A6986 Datasheet HTML 51Page - STMicroelectronics A6986 Datasheet HTML 52Page - STMicroelectronics A6986 Datasheet HTML 53Page - STMicroelectronics A6986 Datasheet HTML 54Page - STMicroelectronics A6986 Datasheet HTML 55Page - STMicroelectronics A6986 Datasheet HTML 56Page - STMicroelectronics A6986 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 67 page
background image
DocID026211 Rev 6
53/67
A6986
Application board
67
8
Application board
The reference evaluation board schematic is shown in Figure 38.
Figure 38. Evaluation board schematic
The additional input filter (C16, L3, C15, L2, C14) limits the conducted emission on the
power supply.
A6986
Table 13. Bill of material
Reference
Part number
Description
Manufacturer
C1
CGA5L3X5R1H106K
10
F - 1206 - 50 V - X7R - 10%
TDK
C2
C2012X7S2A105K
1
F - 0805 - 50 V - X7S - 10%
TDK
C3
470 nF - 50 V - 0603
C4
2.2 pF - 50 V - 0603
C5
68 nF - 50 V - 0603
C6
10 nF - 50 V - 0603
C8
120 pF - 50 V - 0603
C1
CGA5L3X5R1H106K
10
F - 1206 - 50 V - X7R - 10%
TDK
C9
C3216X5R1C476M
47
F - 1206 - 16 V - X5R - 20%
TDK
C14, C15, C16
C3216X7R1H475K160AC
4.7
F - 1206 - 50 V - X7R - 10%
TDK
C7, C10, C11, C13
Not mounted
R1, R4
0 R - 0603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com