Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6986 Datasheet(PDF) 58 Page - STMicroelectronics

Part # A6986
Description  38 V, 2 A synchronous step-down switching regulator with 30 µA quiescent current
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button A6986 Datasheet HTML 54Page - STMicroelectronics A6986 Datasheet HTML 55Page - STMicroelectronics A6986 Datasheet HTML 56Page - STMicroelectronics A6986 Datasheet HTML 57Page - STMicroelectronics A6986 Datasheet HTML 58Page - STMicroelectronics A6986 Datasheet HTML 59Page - STMicroelectronics A6986 Datasheet HTML 60Page - STMicroelectronics A6986 Datasheet HTML 61Page - STMicroelectronics A6986 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 67 page
background image
Efficiency curves
A6986
58/67
DocID026211 Rev 6
Figure 45. Efficiency curves over fsw: VIN = 13.5 V - VOUT = 5 V
Figure 46. Efficiency curves over fsw: VIN = 13.5 V - VOUT = 5 V (log scale)
60
65
70
75
80
85
90
95
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
VIN=13.5V VOUT=5V A6986 500kHz VBIAS NOPSKIP
VIN=13.5V VOUT=5V A6986 500kHz NOVBIAS NOPSKIP
VIN=13.5V VOUT=5V A6986 500kHz NOVBIAS PSKIP
VIN=13.5V VOUT=5V A6986 500kHz VBIAS PSKIP
VIN=13.5V VOUT=5V 1MHz VBIAS NOSPKIP
VIN=13.5V VOUT=5V 1MHz NOVBIAS NOSPKIP
VIN=13.5V VOUT=5V 1MHz NOVBIAS SPKIP
VIN=13.5V VOUT=5V 1MHz VBIAS SPKIP
VIN=13.5V VOUT=5V 2MHz VBIAS SPKIP
VIN=13.5V VOUT=5V 2MHz NOVBIAS SPKIP
VIN=13.5V VOUT=5V 2MHz NOVBIAS NOSPKIP
VIN=13.5V VOUT=5V 2MHz VBIAS NOSPKIP
60
65
70
75
80
85
90
95
0.0015
0.015
0.15
VIN=13.5V VOUT=5V A6986 500kHz VBIAS NOPSKIP
VIN=13.5V VOUT=5V A6986 500kHz NOVBIAS NOPSKIP
VIN=13.5V VOUT=5V A6986 500kHz NOVBIAS PSKIP
VIN=13.5V VOUT=5V A6986 500kHz VBIAS PSKIP
VIN=13.5V VOUT=5V 1MHz VBIAS NOSPKIP
VIN=13.5V VOUT=5V 1MHz NOVBIAS NOSPKIP
VIN=13.5V VOUT=5V 1MHz NOVBIAS SPKIP
VIN=13.5V VOUT=5V 1MHz VBIAS SPKIP
VIN=13.5V VOUT=5V 2MHz VBIAS SPKIP
VIN=13.5V VOUT=5V 2MHz NOVBIAS SPKIP
VIN=13.5V VOUT=5V 2MHz NOVBIAS NOSPKIP
VIN=13.5V VOUT=5V 2MHz VBIAS NOSPKIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com