Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6986 Datasheet(PDF) 11 Page - STMicroelectronics

Part # A6986
Description  38 V, 2 A synchronous step-down switching regulator with 30 µA quiescent current
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button A6986 Datasheet HTML 7Page - STMicroelectronics A6986 Datasheet HTML 8Page - STMicroelectronics A6986 Datasheet HTML 9Page - STMicroelectronics A6986 Datasheet HTML 10Page - STMicroelectronics A6986 Datasheet HTML 11Page - STMicroelectronics A6986 Datasheet HTML 12Page - STMicroelectronics A6986 Datasheet HTML 13Page - STMicroelectronics A6986 Datasheet HTML 14Page - STMicroelectronics A6986 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
DocID026211 Rev 6
11/67
A6986
Electrical characteristics
67
All the population tested at TJ = -40 to 135 °C, VIN = 12 V unless otherwise specified.
Thermal shutdown
TSHDWN
Thermal shutdown
temperature
(2)
165
°C
THYS
Thermal shutdown hysteresis
(2)
30
1. Parameter tested in static condition during testing phase. Parameter value may change over dynamic application condition.
2. Not tested in production.
3. LCM enables SLEEP mode at light-load.
4. TJ = -40 °C.
5. Measured at fSW = 250 kHz.
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Note Min. Typ. Max. Unit
Table 6. fSW selection
Symbol
RVCC (E24 series)
RGND (E24 series)
fSW min.
fSW typ.
fSW max.
Note
Unit
fSW
0
NC
225
250
275
(1)
kHz
1.8 k
NC
285
(2)
3.3 k
NC
330
5.6 k
NC
380
10 k
NC
435
NC
0
450
500
550
(1)
18 k
NC
575
(2)
33 k
NC
660
56 k
NC
755
NC
1.8 k
870
NC
3.3 k
900
1000
1100
NC
5.6 k
1150
(2)
NC
10 k
1310
NC
18 k
1500
(2), (3)
NC
33 k
1575
1750
1925
(3)
NC
56 k
1800
2000
2200
1. Preferred codifications don't require any external resistor.
2. Not tested in production.
3. No synchronization as slave in LNM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com