Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6986 Datasheet(PDF) 66 Page - STMicroelectronics

Part # A6986
Description  38 V, 2 A synchronous step-down switching regulator with 30 µA quiescent current
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button A6986 Datasheet HTML 59Page - STMicroelectronics A6986 Datasheet HTML 60Page - STMicroelectronics A6986 Datasheet HTML 61Page - STMicroelectronics A6986 Datasheet HTML 62Page - STMicroelectronics A6986 Datasheet HTML 63Page - STMicroelectronics A6986 Datasheet HTML 64Page - STMicroelectronics A6986 Datasheet HTML 65Page - STMicroelectronics A6986 Datasheet HTML 66Page - STMicroelectronics A6986 Datasheet HTML 67Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 66 / 67 page
background image
Order codes
A6986
66/67
DocID026211 Rev 6
11
Order codes
12
Revision history
Table 15. Order codes
Part numbers
Package
Packaging
A6986
HTSSOP16
Tube
A6986TR
Tape and reel
Table 16. Document revision history
Date
Revision
Changes
14-May-2015
5
Updated Section 5.5.2: Low consumption mode (LCM) on page 25 (added
cross-reference to Equation 14).
Minor modifications throughout document.
30-Nov-2015
6
Updated Section : Description on page 1.
Updated Table 3: Thermal data on page 7 (added Rth JC row).
Updated Table 6: fSW selection on page 11 (added note 3. below table).
Updated Figure 6 on page 18, Figure 8 on page 20, Figure 9 on page 21,
Figure 11 on page 23, Figure 13 on page 25 to Figure 23 on page 34,
Figure 30 on page 44, Figure 32 on page 46 and Figure 33 on page 46
(replaced by new figures).
Updated Equation 18 on page 35 (replaced RLOAD / Ri by RLOAD · gcs).
Updated Section 7.5: Synchronization (LNM) on page 45 (replaced value
of “range” “2 MHz” by “1.4 MHz”, added text).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com