Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL38N65M5 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STL38N65M5
Description  Low input capacitance and gate charge
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL38N65M5 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STL38N65M5 Datasheet HTML 2Page - STMicroelectronics STL38N65M5 Datasheet HTML 3Page - STMicroelectronics STL38N65M5 Datasheet HTML 4Page - STMicroelectronics STL38N65M5 Datasheet HTML 5Page - STMicroelectronics STL38N65M5 Datasheet HTML 6Page - STMicroelectronics STL38N65M5 Datasheet HTML 7Page - STMicroelectronics STL38N65M5 Datasheet HTML 8Page - STMicroelectronics STL38N65M5 Datasheet HTML 9Page - STMicroelectronics STL38N65M5 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical characteristics
STL38N65M5
6/17
Doc ID 023239 Rev 1
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area
Figure 3.
Thermal impedance
Figure 4.
Output characteristics
Figure 5.
Transfer characteristics
Figure 6.
Gate charge vs gate-source voltage Figure 7.
Static drain-source on-resistance
ID
10
1
0.1
0.1
1
100
VDS(V)
10
(A)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Sinlge
pulse
AM14743v1
10
-5
10
-4
10
-3
10
-2
tp(s)
10
-2
10
-1
K
0.2
0.05
0.02
0.01
0.1
Single pulse
δ=0.5
Zth PowerFLAT 8x8 HV
ID
40
20
0
0
10
VDS(V)
20
(A)
5
15
25
60
80
VGS = 6 V
VGS = 8 V
VGS = 7 V
VGS = 10 V
AM12637v1
ID
40
20
0
3
5
VGS(V)
7
(A)
4
6
8
60
80
VDS= 25V
AM12638v1
VGS
6
4
2
0
0
Qg(nC)
(V)
60
8
20
40
10
VDD=520V
ID=15A
80
12
300
200
100
0
400
500
VDS
(V)
VDS
AM14746v1
RDS(on)
0.090
0.085
0.080
0.075
0
10
ID(A)
(
Ω)
5
15
0.095
0.10
VGS=10V
20
AM14747v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com