Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW22N95K5 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STW22N95K5
Description  Automotive-grade N-channel 950 V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW22N95K5 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STW22N95K5 Datasheet HTML 3Page - STMicroelectronics STW22N95K5 Datasheet HTML 4Page - STMicroelectronics STW22N95K5 Datasheet HTML 5Page - STMicroelectronics STW22N95K5 Datasheet HTML 6Page - STMicroelectronics STW22N95K5 Datasheet HTML 7Page - STMicroelectronics STW22N95K5 Datasheet HTML 8Page - STMicroelectronics STW22N95K5 Datasheet HTML 9Page - STMicroelectronics STW22N95K5 Datasheet HTML 10Page - STMicroelectronics STW22N95K5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
DocID025115 Rev 3
7/14
STW22N95K5
Electrical characteristics
14
Figure 8. Capacitance variations
Figure 9. Output capacitance stored energy
Figure 10. Normalized gate threshold voltage vs
temperature
Figure 11. Normalized on-resistance vs
temperature
Figure 12. Maximum avalanche energy vs
starting Tj
Figure 13. Normalized V(BR)DSS vs temperature
C
100
10
1
0.1
0.1
10
VDS(V)
(pF)
1
1000
100
Ciss
Coss
Crss
10000
AM11189v12
Eoss
8
2
0
0
VDS(V)
(µJ)
600
200
400
10
12
800
14
16
18
4
6
20
22
24
26
AM11190v2
VGS(th)
0.6
0.5
0.4
0.3
TJ(°C)
(norm)
-100
0.7
0
-50
50
0.9
0.8
1.0
1.2
1.1
100
150
ID= 100µA
AM11192v2
RDS(on)
2.0
1.5
1.0
0.5
TJ(°C)
(norm)
-100
0
-50
50
2.5
0
100
150
ID= 9A
VGS= 10V
AM11193v2
EAS
0
50
TJ(°C)
(µJ)
25
75
0
40
80
100
125
120
160
ID=6 A
VDD=50 V
AM11194v1
V(BR)DSS
TJ(°C)
(norm)
-75
75
-25
125
0.85
0.9
0.95
1
1.05
1.1
25
ID= 1mA
AM11191v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com