Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW22N95K5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW22N95K5
Description  Automotive-grade N-channel 950 V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW22N95K5 Datasheet(HTML) 1 Page - STMicroelectronics

  STW22N95K5 Datasheet HTML 1Page - STMicroelectronics STW22N95K5 Datasheet HTML 2Page - STMicroelectronics STW22N95K5 Datasheet HTML 3Page - STMicroelectronics STW22N95K5 Datasheet HTML 4Page - STMicroelectronics STW22N95K5 Datasheet HTML 5Page - STMicroelectronics STW22N95K5 Datasheet HTML 6Page - STMicroelectronics STW22N95K5 Datasheet HTML 7Page - STMicroelectronics STW22N95K5 Datasheet HTML 8Page - STMicroelectronics STW22N95K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
This is information on a product in full production.
March 2014
DocID025115 Rev 3
1/14
STW22N95K5
Automotive-grade N-channel 950 V, 0.280
Ω typ., 17.5 A
Zener-protected SuperMESH™ 5 Power MOSFET
Datasheet - production data
Figure 1. Internal schematic diagram
Features
• Designed for automotive applications and
AEC-Q101 qualified
• Worldwide best FOM (figure of merit)
• Ultra low gate charge
• 100% avalanche tested
• Zener-protected
Applications
• Switching applications
Description
This device is an N-channel Power MOSFET
developed using SuperMESH™ 5 technology.
This revolutionary, avalanche-rugged, high
voltage Power MOSFET technology is based on
an innovative proprietary vertical structure. The
result is a drastic reduction in on-resistance and
ultra low gate charge for applications which
require superior power density and high
efficiency.
1
2
3
TO-247
D(2)
G(1)
S(3)
AM01476v1
Order code
VDS
RDS(on)max
ID
PTOT
STW22N95K5
950 V
0.330
Ω
17.5 A
250 W
Table 1. Device summary
Order code
Marking
Packages
Packaging
STW22N95K5
22N95K5
TO-247
Tube
www.st.com


Similar Part No. - STW22N95K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW22NM60 STMICROELECTRONICS-STW22NM60 Datasheet
386Kb / 11P
N-CHANNEL 600V - 0.19 ohm - 22A TO-220/FP/D2PAK/I2PAK/TO-247 MDmesh™ Power MOSFET
Jun-2003
logo
Inchange Semiconductor ...
STW22NM60 ISC-STW22NM60 Datasheet
350Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STW22NM60N STMICROELECTRONICS-STW22NM60N Datasheet
994Kb / 23P
N-channel 600 V, 0.2 廓, 16 A MDmesh??II Power MOSFET
05-Nov-2011
logo
Inchange Semiconductor ...
STW22NM60N ISC-STW22NM60N Datasheet
377Kb / 2P
Isc N-Channel MOSFET Transistor
More results

Similar Description - STW22N95K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW25N95K3 STMICROELECTRONICS-STW25N95K3 Datasheet
786Kb / 13P
N-channel 950 V, 0.32 ohm, 22 A, TO-247
09-Jan-2012
STH300NH02L-6 STMICROELECTRONICS-STH300NH02L-6 Datasheet
1Mb / 15P
Automotive-grade N-channel 24 V, 0.95 typ., 180 A
22-Jul-2013
STL20DNF06LAG STMICROELECTRONICS-STL20DNF06LAG Datasheet
972Kb / 15P
Automotive-grade dual N-channel 60 V
September 2015 Rev 1
STL20NF06LAG STMICROELECTRONICS-STL20NF06LAG Datasheet
946Kb / 14P
Automotive-grade N-channel 60 V
September 2015 Rev 1
STL135N8F7AG STMICROELECTRONICS-STL135N8F7AG Datasheet
1,003Kb / 14P
Automotive-grade N-channel 80 V
January 2016 Rev 3
logo
Rohm
SCT2450KEHR ROHM-SCT2450KEHR Datasheet
1Mb / 14P
Automotive Grade N-channel SiC power MOSFET
logo
STMicroelectronics
STD3N95K5AG STMICROELECTRONICS-STD3N95K5AG Datasheet
361Kb / 15P
Automotive-grade N-channel 950 V, 4.3 typ., 2 A MDmesh K5 Power MOSFET in a DPAK package
24-Feb-2021
STD7N95K5AG STMICROELECTRONICS-STD7N95K5AG Datasheet
346Kb / 15P
Automotive‑grade N‑channel 950 V, 0.95 Ω typ., 9 A MDmesh K5 Power MOSFET in a DPAK package
05-May-2021
STH272N6F7-6AG STMICROELECTRONICS-STH272N6F7-6AG Datasheet
808Kb / 15P
Automotive-grade N-channel 60 V, 0.95 mΩ typ., 180 A Automotive-grade N-channel 60 V, 0.95 mΩ typ., 180 A
17-Mar-2016
logo
Rohm
SCT3160KW7HR ROHM-SCT3160KW7HR Datasheet
1Mb / 17P
Automotive Grade N-channel SiC power MOSFET
1.Nov.2022 - Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com