Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW22N95K5 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STW22N95K5
Description  Automotive-grade N-channel 950 V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW22N95K5 Datasheet(HTML) 5 Page - STMicroelectronics

  STW22N95K5 Datasheet HTML 1Page - STMicroelectronics STW22N95K5 Datasheet HTML 2Page - STMicroelectronics STW22N95K5 Datasheet HTML 3Page - STMicroelectronics STW22N95K5 Datasheet HTML 4Page - STMicroelectronics STW22N95K5 Datasheet HTML 5Page - STMicroelectronics STW22N95K5 Datasheet HTML 6Page - STMicroelectronics STW22N95K5 Datasheet HTML 7Page - STMicroelectronics STW22N95K5 Datasheet HTML 8Page - STMicroelectronics STW22N95K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DocID025115 Rev 3
5/14
STW22N95K5
Electrical characteristics
14
The built-in back-to-back Zener diodes have specifically been designed to enhance not only
the device’s ESD capability, but also to make them safely absorb possible voltage transients
that may occasionally be applied from gate to source. In this respect the Zener voltage is
appropriate to achieve an efficient and cost-effective intervention to protect the device’s
integrity. These integrated Zener diodes thus avoid the usage of external components.
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
t
d(on)
Turn-on delay time
V
DD
= 475 V, I
D
= 9 A,
R
G
=4.7
Ω, V
GS
=10 V
(see Figure 18)
-18
-
ns
t
r
Rise time
-
9
-
ns
t
d(off)
Turn-off delay time
-
65
-
ns
t
f
Fall time
-
18
-
ns
Table 7. Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
I
SD
Source-drain current
-
17.5
A
I
SDM
Source-drain current (pulsed)
-
70
A
V
SD
(1)
1.
Pulsed: pulse duration = 300μs, duty cycle 1.5%
Forward on voltage
I
SD
= 17.5 A, V
GS
=0
-
1.5
V
t
rr
Reverse recovery time
I
SD
= 17.5 A, V
DD
= 60 V
di/dt = 100 A/μs,
(see Figure 17)
-
513
ns
Q
rr
Reverse recovery charge
-
12
μC
I
RRM
Reverse recovery current
-
46
A
t
rr
Reverse recovery time
I
SD
= 17.5 A,V
DD
= 60 V
di/dt=100 A/μs,
Tj=150 °C
(see
Figure 17)
-
670
ns
Q
rr
Reverse recovery charge
-
15
μC
I
RRM
Reverse recovery current
-
44
A
Table 8. Gate-source Zener diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V
(BR)GSO
Gate-source breakdown voltage
I
GS
= ± 1 mA, I
D
= 0
30
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com