Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW22N95K5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STW22N95K5
Description  Automotive-grade N-channel 950 V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW22N95K5 Datasheet(HTML) 3 Page - STMicroelectronics

  STW22N95K5 Datasheet HTML 1Page - STMicroelectronics STW22N95K5 Datasheet HTML 2Page - STMicroelectronics STW22N95K5 Datasheet HTML 3Page - STMicroelectronics STW22N95K5 Datasheet HTML 4Page - STMicroelectronics STW22N95K5 Datasheet HTML 5Page - STMicroelectronics STW22N95K5 Datasheet HTML 6Page - STMicroelectronics STW22N95K5 Datasheet HTML 7Page - STMicroelectronics STW22N95K5 Datasheet HTML 8Page - STMicroelectronics STW22N95K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DocID025115 Rev 3
3/14
STW22N95K5
Electrical ratings
14
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
GS
Gate- source voltage
± 30
V
I
D
Drain current (continuous) at T
C
= 25 °C
17.5
A
I
D
Drain current (continuous) at T
C
= 100 °C
11
A
I
DM
(1)
1.
Pulse width limited by safe operating area.
Drain current (pulsed)
70
A
P
TOT
Total dissipation at T
C
= 25 °C
250
W
I
AR
Max current during repetitive or single pulse avalanche
(pulse width limited by T
jmax
)
6A
E
AS
Single pulse avalanche energy
(starting T
J
= 25 °C, I
D
=I
AS
, V
DD
= 50 V)
182
mJ
ESD
Gate-source human body model
(R= 1,5 k
Ω, C = 100 pF)
2kV
dv/dt
(2)
2.
I
SD
≤ 17.5 A, di/dt ≤ 100 A/μs, V
DS(peak) ≤
V
(BR)DSS
Peak diode recovery voltage slope
4.5
V/ns
dv/dt
(3)
3.
V
SD ≤
760 V
MOSFET dv/dt ruggedness
50
V/ns
T
j
Operating junction temperature
-55 to 150
°C
T
stg
Storage temperature
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
R
thj-case
Thermal resistance junction-case max
0.5
°C/W
R
thj-amb
Thermal resistance junction-amb max
50
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com