| Electronic Components Datasheet Search |
|
SPT01-335DEE Datasheet(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPT01-335DEE Datasheet(HTML) 6 Page - STMicroelectronics |
|
6 / 16 page ![]() SPT01-335 basic application SPT01-335DEE 6/16 DocID15200 Rev3 3 SPT01-335 basic application Figure 8. PNP high side sensor configuration Figure 9. NPN low side sensor configuration Note: It is advised to use diodes D1 and D3, which are the external devices in the package, as switch overvoltage protection and power supply reverse polarity protection since they allow better cooling design with PCB pad implementation. D2, the middle diode, can be dedicated to the power supply overvoltage protection because it would run only in pulse mode with basic PCB pad footprint. Table 6. SPT01-335 pin connection versus sensor output stage configuration as shown on Figure 8. and Figure 9 Sensor type SPT01-335 terminal connection LS HS A K V+ V- PNP To VS+ Sensor HS VCC To VS+ Sensor VS+ Sensor VS- NPN Sensor LS To VS- To VS- To GND V CC GND GND Input Load V s+ LS HS V S- Sensor Output A V+ D3 D1 D2 V- HS K LS V CC GND GND Load V s+ LS HS V S- V s+ LS HS V S- V s+ LS HS V S- A V+ D3 D1 D2 V- HS K LS P.supply LS HS V S- V S+ Sensor output stage GND Load P.supply Input LS D3 D2 V+ V- K HS A LS HS V S- V S+ Sensor output stage LS HS V S- V S+ Sensor output stage LS HS V V S+ LS HS V V S+ Sensor output stage GND Load GND Load GND Load LS D3 V+ V- K HS A LS D3 D1 V+ V- K HS A VCC VCC |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |