Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT01-335DEE Datasheet(PDF) 14 Page - STMicroelectronics

Part # SPT01-335DEE
Description  Automation sensor transient and overvoltage protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPT01-335DEE Datasheet(HTML) 14 Page - STMicroelectronics

Back Button SPT01-335DEE Datasheet HTML 8Page - STMicroelectronics SPT01-335DEE Datasheet HTML 9Page - STMicroelectronics SPT01-335DEE Datasheet HTML 10Page - STMicroelectronics SPT01-335DEE Datasheet HTML 11Page - STMicroelectronics SPT01-335DEE Datasheet HTML 12Page - STMicroelectronics SPT01-335DEE Datasheet HTML 13Page - STMicroelectronics SPT01-335DEE Datasheet HTML 14Page - STMicroelectronics SPT01-335DEE Datasheet HTML 15Page - STMicroelectronics SPT01-335DEE Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Recommendation on PCB assembly
SPT01-335DEE
14/16
DocID15200 Rev3
7.5
Reflow profile
Figure 17. ST ECOPACK® recommended soldering reflow profile for PCB mounting
Note:
Minimize air convection currents in the reflow oven to avoid component movement.
250
0
50
100
150
200
240
210
180
150
120
90
60
30
300
270
-6°C/s
240-245 °C
2 - 3 °C/s
Temperature (°C)
-2 °C/s
-3 °C/s
Time (s)
0.9 °C/s
60 sec
(90 max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com