Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT01-335DEE Datasheet(PDF) 4 Page - STMicroelectronics

Part # SPT01-335DEE
Description  Automation sensor transient and overvoltage protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPT01-335DEE Datasheet(HTML) 4 Page - STMicroelectronics

  SPT01-335DEE Datasheet HTML 1Page - STMicroelectronics SPT01-335DEE Datasheet HTML 2Page - STMicroelectronics SPT01-335DEE Datasheet HTML 3Page - STMicroelectronics SPT01-335DEE Datasheet HTML 4Page - STMicroelectronics SPT01-335DEE Datasheet HTML 5Page - STMicroelectronics SPT01-335DEE Datasheet HTML 6Page - STMicroelectronics SPT01-335DEE Datasheet HTML 7Page - STMicroelectronics SPT01-335DEE Datasheet HTML 8Page - STMicroelectronics SPT01-335DEE Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Characteristics
SPT01-335DEE
4/16
DocID15200 Rev3
Table 4. Electrical characteristics (TJ = 25 °C, unless otherwise specified)
Symbol
Diode
Name
Test conditions
Value
Unit
VRM
All
Reverse stand off voltage(1)
1. Reverse stand-off voltage is valid for ambient temperature within the operating temperature
range.
IR = 0.2 µA
Min
33
V
IR = 1 µA
Min
36
V
IRM
All
Leakage reverse current
VRM = 33 V
Max
0.2
µA
VRM = 33 V,
TJ = 150 °C
Max
1
µA
VBR
All
Reverse breakdown voltage
IR = 1 mA
Min
38
V
Typ
41.4
V
VCL
All
Peak clamping voltage
IPP = 2 A,
tP = 8 /20 µs
Max
46
V
Typ
44
V
RD
All
8/20µs dynamic resistance
Typ
0.5
Ω
αTAll
VBR Temperature sensitivity
Max
10
10-4 /°C
VCL
D1
Peak clamping voltage
IR = 0.3 A, L = 1 H,
tP = 8 /20 µs,
VCC = 30 V
Max
46
V
VF
D3
Forward drop voltage
IF = 300 mA
Max
1
V
Table 5. Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-a)
SMD thermal resistance junction to ambient, per diode
FR4 board, copper thickness = 35 µm, SCu = 0.85 mm²
330
°C/W
Zth(j-a)
SMD thermal transient impedance junction to ambient, per diode
tp = 15 ms, Tamb = 85 °C, SCu = 0.85 mm²
20
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com