Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT01-335DEE Datasheet(PDF) 5 Page - STMicroelectronics

Part # SPT01-335DEE
Description  Automation sensor transient and overvoltage protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPT01-335DEE Datasheet(HTML) 5 Page - STMicroelectronics

  SPT01-335DEE Datasheet HTML 1Page - STMicroelectronics SPT01-335DEE Datasheet HTML 2Page - STMicroelectronics SPT01-335DEE Datasheet HTML 3Page - STMicroelectronics SPT01-335DEE Datasheet HTML 4Page - STMicroelectronics SPT01-335DEE Datasheet HTML 5Page - STMicroelectronics SPT01-335DEE Datasheet HTML 6Page - STMicroelectronics SPT01-335DEE Datasheet HTML 7Page - STMicroelectronics SPT01-335DEE Datasheet HTML 8Page - STMicroelectronics SPT01-335DEE Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DocID15200 Rev3
5/16
SPT01-335DEE
Characteristics
Figure 7. Relative variation of thermal impedance junction to ambient versus pulse
duration (printed circuit board)
Figure 3. Relative variation of peak pulse power
versus initial junction temperature
Figure 4. Peak pulse power versus exponential
pulse duration
(typical values)
P
PP[Tj initial] / PPP [T j initial=25°C]
,0.0
,0.1
,0.2
,0.3
,0.4
,0.5
,0.6
,0.7
,0.8
,0.9
,1.0
,1.1
0
25
50
75
100
125
150
175
200
TJ(
C)
Tj(°C)
P(W)
PP
1
10
100
1000
10000
10
100
1000
t (µs)
P
t
= 25 °C
Jinitial
Figure 5. Clamping voltage versus peak pulse
current (typical values)
Figure 6. Forward voltage drop versus peak
forward current (typical values)
I
(A)
PP
0.01
0.1
1
10
41
41.5
42
42.5
43
43.5
44
44.5
VCL(V)
Wave 8/20 µs - T initial = 25 °C
J
I (A)
FM
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
0.2
0.4
0.6
0.8
1
1.2
175 °C
150 °C
25 °C
-25 °C
V (V)
FM
Zth(j-a)/Rth(j-a)
0.01
0.10
1.00
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
tp (s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com