Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL8DN6LF6AG Datasheet(PDF) 3 Page - STMicroelectronics

Part # STL8DN6LF6AG
Description  Automotive-grade dual N-channel 60 V, 21 mΩ typ., 32 A STripFET™ F6 Power MOSFET in a PowerFLAT™ 5x6 DI package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL8DN6LF6AG Datasheet(HTML) 3 Page - STMicroelectronics

  STL8DN6LF6AG Datasheet HTML 1Page - STMicroelectronics STL8DN6LF6AG Datasheet HTML 2Page - STMicroelectronics STL8DN6LF6AG Datasheet HTML 3Page - STMicroelectronics STL8DN6LF6AG Datasheet HTML 4Page - STMicroelectronics STL8DN6LF6AG Datasheet HTML 5Page - STMicroelectronics STL8DN6LF6AG Datasheet HTML 6Page - STMicroelectronics STL8DN6LF6AG Datasheet HTML 7Page - STMicroelectronics STL8DN6LF6AG Datasheet HTML 8Page - STMicroelectronics STL8DN6LF6AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
STL8DN6LF6AG
Electrical ratings
DocID028014 Rev 3
3/16
1
Electrical ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
60
V
VGS
Gate-source voltage
±20
V
ID
Drain current (continuous) at Tcase = 25 °C
32
A
Drain current (continuous) at Tcase = 100 °C
23
ID
(1)
Drain current (continuous) at Tpcb = 25 °C
9.6
A
Drain current (continuous) at Tpcb = 100 °C
6.8
IDM
(1)(2)
Drain current (pulsed)
38
A
IDM
(2)
Drain current (pulsed)
128
A
PTOT
Total dissipation at Tcase = 25 °C (one channel active)
55
W
PTOT
Total dissipation at Tpcb = 25 °C (one channel active)
4.8
Tstg
Storage temperature
-55 to 175
°C
Tj
Operating junction temperature
Notes:
(1)
When mounted on a 1-inch² FR-4, 2 Oz copper board, t < 10 s.
(2)
Pulse width is limited by safe operating area
Table 3: Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
2.7
°C/W
Rthj-pcb
(1)
Thermal resistance junction-pcb
31.3
Notes:
(1)
When mounted on a 1-inch² FR-4, 2 Oz copper board, t < 10 s.
Table 4: Avalanche characteristics
Symbol
Parameter
Value
Unit
IAV
Avalanche current, not repetitive
32
A
EAS
(1)
Single pulse avalanche energy
120
mJ
Notes:
(1)
starting Tj = 25 °C, ID = 38 A, VDD = 43.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com