Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL86N3LLH6AG Datasheet(PDF) 7 Page - STMicroelectronics

Part # STL86N3LLH6AG
Description  High avalanche ruggedness
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL86N3LLH6AG Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STL86N3LLH6AG Datasheet HTML 3Page - STMicroelectronics STL86N3LLH6AG Datasheet HTML 4Page - STMicroelectronics STL86N3LLH6AG Datasheet HTML 5Page - STMicroelectronics STL86N3LLH6AG Datasheet HTML 6Page - STMicroelectronics STL86N3LLH6AG Datasheet HTML 7Page - STMicroelectronics STL86N3LLH6AG Datasheet HTML 8Page - STMicroelectronics STL86N3LLH6AG Datasheet HTML 9Page - STMicroelectronics STL86N3LLH6AG Datasheet HTML 10Page - STMicroelectronics STL86N3LLH6AG Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DocID026950 Rev 3
7/16
STL86N3LLH6AG
Electrical characteristics
16
Figure 8. Gate charge vs gate-source voltage
Figure 9. Capacitance variations
Figure 10. Normalized gate threshold voltage vs
temperature
Figure 11. Normalized on resistance vs
temperature
Figure 12. Source-drain diode forward
characteristics
VGS
6
4
2
0
0
10
Qg(nC)
(V)
40
8
20
30
10
VDD=15V
ID=21A
50
12
AM08919v1
C
1500
1000
500
0
0
20
VDS(V)
(pF)
10
2000
Ciss
Coss
Crss
2500
AM08920v1
VGS(th)
0.8
0.6
0.4
0.2
-50
0
TJ(°C)
(norm)
-25
1.0
75
25
50
100
1.2
ID=250µA
AM08921v1
RDS(on)
0.6
0.4
0.2
0
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
0.8
1.0
1.2
1.4
1.6
1.8
ID=10.5A
VGS=10V
AM08922v1
VSD
0
20
ISD(A)
(V)
10
50
30
40
0.4
0.5
0.6
0.7
0.8
0.9
1.0
TJ=-55°C
TJ=150°C
TJ=25°C
70
60
AM08923v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com