Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL86N3LLH6AG Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL86N3LLH6AG
Description  High avalanche ruggedness
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL86N3LLH6AG Datasheet(HTML) 1 Page - STMicroelectronics

  STL86N3LLH6AG Datasheet HTML 1Page - STMicroelectronics STL86N3LLH6AG Datasheet HTML 2Page - STMicroelectronics STL86N3LLH6AG Datasheet HTML 3Page - STMicroelectronics STL86N3LLH6AG Datasheet HTML 4Page - STMicroelectronics STL86N3LLH6AG Datasheet HTML 5Page - STMicroelectronics STL86N3LLH6AG Datasheet HTML 6Page - STMicroelectronics STL86N3LLH6AG Datasheet HTML 7Page - STMicroelectronics STL86N3LLH6AG Datasheet HTML 8Page - STMicroelectronics STL86N3LLH6AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
This is information on a product in full production.
February 2015
DocID026950 Rev 3
1/16
STL86N3LLH6AG
Automotive-grade N-channel 30 V, 0.004
Ω typ., 80 A
STripFET™ H6 Power MOSFET in a PowerFLAT™ 5x6 package
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
• Designed for automotive application and
AEC-Q101 qualified
• Very low on-resistance
• Very low gate charge
• High avalanche ruggedness
• Low gate drive power loss
• Wettable flank package
Applications
• Switching applications
Description
This device is an N-channel Power MOSFET
developed using the STripFET™ H6 technology,
with a new trench gate structure. The resulting
Power MOSFET exhibits very low RDS(on) in all
packages.
PowerFLAT™ 5x6
1
2
3
4
AM15540v2
5
6
7
8
12
3
4
Top View
D(5, 6, 7, 8)
G(4)
S(1, 2, 3)
Order code
VDS
RDS(on)
max
ID
STL86N3LLH6AG
30 V
0.0052
Ω
80 A
Table 1. Device summary
Order code
Marking
Package
Packaging
STL86N3LLH6AG
86N3LLH6
PowerFLAT™ 5x6
Tape and reel
www.st.com


Similar Part No. - STL86N3LLH6AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL80N3LLH6 STMICROELECTRONICS-STL80N3LLH6 Datasheet
874Kb / 13P
N-channel 30 V, 0.0046, 21 A PowerFLAT 5x6 STripFET VI DeepGATE Power MOSFET
02-Dec-2011
STL80N4LLF3 STMICROELECTRONICS-STL80N4LLF3 Datasheet
347Kb / 12P
N-channel 40V - 0.0042ohm - 80A - PowerFLAT (6x5) STripFET Power MOSFET for DC-DC conversion
22-Nov-2006
STL80N75F6 STMICROELECTRONICS-STL80N75F6 Datasheet
1Mb / 15P
N-channel 75 V, 4.5 m typ., 18 A STripFET DeepGATE VI Power MOSFET in PowerFLAT 5x6 package
11-Mar-2014
STL80NF3LL STMICROELECTRONICS-STL80NF3LL Datasheet
344Kb / 9P
N-CHANNEL 30V - 0.0045ohm - 80A PowerFLAT(6X5) STripFET II MOSFET
22-Jun-2005
logo
Siemens Semiconductor G...
STL81004A SIEMENS-STL81004A Datasheet
129Kb / 4P
1550 nm Laser in Coaxial Package with SM-Pigtail, Low Power
More results

Similar Description - STL86N3LLH6AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STH290N4F6-2AG STMICROELECTRONICS-STH290N4F6-2AG Datasheet
486Kb / 19P
High avalanche ruggedness
03-Jul-2015
STD20P3H6AG STMICROELECTRONICS-STD20P3H6AG Datasheet
728Kb / 15P
High avalanche ruggedness
18-Sep-2015
STL220N6F7 STMICROELECTRONICS-STL220N6F7 Datasheet
744Kb / 13P
High avalanche ruggedness
22-Sep-2014
STS7P4LLF6 STMICROELECTRONICS-STS7P4LLF6 Datasheet
396Kb / 13P
High avalanche ruggedness
10-Mar-2015
STH170N8F7-2 STMICROELECTRONICS-STH170N8F7-2 Datasheet
823Kb / 15P
High avalanche ruggedness
20-Feb-2015
STP220N6F7 STMICROELECTRONICS-STP220N6F7 Datasheet
561Kb / 13P
High avalanche ruggedness
07-Oct-2015
STL4P3LLH6 STMICROELECTRONICS-STL4P3LLH6 Datasheet
766Kb / 13P
High avalanche ruggedness
09-Dec-2014
STL8N6F7 STMICROELECTRONICS-STL8N6F7 Datasheet
893Kb / 12P
High avalanche ruggedness
27-Aug-2015
STL30P3LLH6 STMICROELECTRONICS-STL30P3LLH6 Datasheet
1Mb / 15P
High avalanche ruggedness
08-Jan-2014
STS30N3LLH6 STMICROELECTRONICS-STS30N3LLH6 Datasheet
776Kb / 13P
High avalanche ruggedness
July 2009 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com