Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNQ7050AJ Datasheet(PDF) 3 Page - STMicroelectronics

Part # VNQ7050AJ
Description  Quad channel high-side driver with CurrentSense analog feedback
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ7050AJ Datasheet(HTML) 3 Page - STMicroelectronics

  VNQ7050AJ Datasheet HTML 1Page - STMicroelectronics VNQ7050AJ Datasheet HTML 2Page - STMicroelectronics VNQ7050AJ Datasheet HTML 3Page - STMicroelectronics VNQ7050AJ Datasheet HTML 4Page - STMicroelectronics VNQ7050AJ Datasheet HTML 5Page - STMicroelectronics VNQ7050AJ Datasheet HTML 6Page - STMicroelectronics VNQ7050AJ Datasheet HTML 7Page - STMicroelectronics VNQ7050AJ Datasheet HTML 8Page - STMicroelectronics VNQ7050AJ Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
VNQ7050AJ
List of tables
List of tables
Table 1: Pin functions .................................................................................................................................5
Table 2: Suggested connections for unused and not connected pins ........................................................6
Table 3: Absolute maximum ratings ...........................................................................................................7
Table 4: Thermal data.................................................................................................................................8
Table 5: Power section ...............................................................................................................................8
Table 6: Switching (VCC = 13 V; -40°C < Tj < 150°C, unless otherwise specified) ...................................9
Table 7: Logic Inputs (7 V < VCC < 28 V; -40°C < Tj < 150°C)................................................................10
Table 8: Protections (7 V < VCC < 18 V; -40°C < Tj < 150°C) .................................................................10
Table 9: CurrentSense (7 V < VCC < 18 V; -40°C < Tj < 150°C) .............................................................11
Table 10: Truth table.................................................................................................................................15
Table 11: Current sense multiplexer addressing ......................................................................................16
Table 12: ISO 7637-2 - electrical transient conduction along supply line.................................................25
Table 13: CurrentSense pin levels in off-state..........................................................................................29
Table 14: PCB properties .........................................................................................................................32
Table 15: Thermal parameters .................................................................................................................34
Table 16: PowerSSO-16 mechanical data................................................................................................35
Table 17: Reel dimensions .......................................................................................................................37
Table 18: PowerSSO-16 carrier tape dimensions ....................................................................................38
Table 19: Device summary .......................................................................................................................40
Table 20: Document revision history ........................................................................................................41
DocID027405 Rev 1
3/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com