Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNQ7050AJ Datasheet(PDF) 4 Page - STMicroelectronics

Part # VNQ7050AJ
Description  Quad channel high-side driver with CurrentSense analog feedback
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ7050AJ Datasheet(HTML) 4 Page - STMicroelectronics

  VNQ7050AJ Datasheet HTML 1Page - STMicroelectronics VNQ7050AJ Datasheet HTML 2Page - STMicroelectronics VNQ7050AJ Datasheet HTML 3Page - STMicroelectronics VNQ7050AJ Datasheet HTML 4Page - STMicroelectronics VNQ7050AJ Datasheet HTML 5Page - STMicroelectronics VNQ7050AJ Datasheet HTML 6Page - STMicroelectronics VNQ7050AJ Datasheet HTML 7Page - STMicroelectronics VNQ7050AJ Datasheet HTML 8Page - STMicroelectronics VNQ7050AJ Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
List of figures
VNQ7050AJ
List of figures
Figure 1: Block diagram ..............................................................................................................................5
Figure 2: Configuration diagram (top view).................................................................................................6
Figure 3: Current and voltage conventions.................................................................................................7
Figure 4: Switching times and Pulse skew ...............................................................................................14
Figure 5: Current sense timings (current sense mode) ............................................................................14
Figure 6: TDSKON....................................................................................................................................15
Figure 7: Latch functionality - behavior in hard short circuit condition (TAMB << TTSD) ........................16
Figure 8: Latch functionality - behavior in hard short circuit condition......................................................17
Figure 9: Latch functionality - behavior in hard short circuit condition (autorestart mode + latch off) ......17
Figure 10: Standby mode activation .........................................................................................................18
Figure 11: Standby state diagram.............................................................................................................18
Figure 12: OFF-state output current .........................................................................................................19
Figure 13: Standby current .......................................................................................................................19
Figure 14: IGND(ON) vs Tcase ................................................................................................................19
Figure 15: Logic Input high level voltage ..................................................................................................19
Figure 16: Logic Input low level voltage....................................................................................................19
Figure 17: High level logic input current ...................................................................................................19
Figure 18: Low level logic input current ....................................................................................................20
Figure 19: Logic Input hysteresis voltage .................................................................................................20
Figure 20: FaultRST Input clamp voltage .................................................................................................20
Figure 21: Undervoltage shutdown...........................................................................................................20
Figure 22: On-state resistance vs Tcase ..................................................................................................20
Figure 23: On-state resistance vs VCC ....................................................................................................20
Figure 24: Turn-on voltage slope ..............................................................................................................21
Figure 25: Turn-off voltage slope ..............................................................................................................21
Figure 26: Won vs Tcase ..........................................................................................................................21
Figure 27: Woff vs Tcase ..........................................................................................................................21
Figure 28: ILIMH vs. Tcase.......................................................................................................................21
Figure 29: OFF-state open-load voltage detection threshold ...................................................................21
Figure 30: Vsense clamp vs. Tcase..........................................................................................................22
Figure 31: Vsenseh vs. Tcase ..................................................................................................................22
Figure 32: Application diagram .................................................................................................................24
Figure 33: Simplified internal structure .....................................................................................................24
Figure 34: CurrectSense and diagnostic – block diagram........................................................................26
Figure 35: CurrentSense block diagram ...................................................................................................27
Figure 36: Analogue HSD – open-load detection in off-state ...................................................................28
Figure 37: Open-load / short to VCC condition.........................................................................................29
Figure 38: Maximum turn off current versus inductance ..........................................................................31
Figure 39: PowerSSO-16 on two-layers PCB (2s0p to JEDEC JESD 51-5) ............................................32
Figure 40: PowerSSO-16 on four-layers PCB (2s2p to JEDEC JESD 51-7) ...........................................32
Figure 41: Rthj-amb vs PCB copper area in open box free air condition (one channel on) .....................33
Figure 42: PowerSSO-16 thermal impedance junction ambient single pulse (one channel on) ..............33
Figure 43: Thermal fitting model of a double-channel HSD in PowerSSO-16..........................................34
Figure 44: PowerSSO-16 package dimensions........................................................................................35
Figure 45: PowerSSO-16 reel 13" ............................................................................................................37
Figure 46: PowerSSO-16 carrier tape ......................................................................................................38
Figure 47: PowerSSO-16 schematic drawing of leader and trailer tape ..................................................38
Figure 48: PowerSSO-16 marking information .........................................................................................39
4/42
DocID027405 Rev 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com