Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNQ7050AJ Datasheet(PDF) 5 Page - STMicroelectronics

Part # VNQ7050AJ
Description  Quad channel high-side driver with CurrentSense analog feedback
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ7050AJ Datasheet(HTML) 5 Page - STMicroelectronics

  VNQ7050AJ Datasheet HTML 1Page - STMicroelectronics VNQ7050AJ Datasheet HTML 2Page - STMicroelectronics VNQ7050AJ Datasheet HTML 3Page - STMicroelectronics VNQ7050AJ Datasheet HTML 4Page - STMicroelectronics VNQ7050AJ Datasheet HTML 5Page - STMicroelectronics VNQ7050AJ Datasheet HTML 6Page - STMicroelectronics VNQ7050AJ Datasheet HTML 7Page - STMicroelectronics VNQ7050AJ Datasheet HTML 8Page - STMicroelectronics VNQ7050AJ Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
VNQ7050AJ
Block diagram and pin description
1
Block diagram and pin description
Figure 1: Block diagram
Table 1: Pin functions
Name
Function
VCC
Battery connection.
OUTPUT0,1,2,3 Power output.
GND
Ground connection. Must be reverse battery protected by an external diode / resistor
network.
INPUT0,1,2,3
Voltage controlled input pin with hysteresis, compatible with 3 V and 5 V CMOS
outputs. They control output switch state.
CS
Analog current sense output pin delivers a current proportional to the load current.
SEn
Active high, compatible with 3 V and 5 V CMOS outputs input pin; it enables the CS
diagnostic pin.
SEL0,1
Active high, compatible with 3 V and 5 V CMOS outputs input pin; They address the
CS multiplexer.
FaultRST
Active low, compatible with 3 V and 5 V CMOS outputs input pin; it unlatches the
output in case of fault; If kept low, sets the outputs in auto-restart mode.
Channel 3
Channel 2
CH 3
CH 2
Channel 1
Control & Diagnostic
Channel0
VCC
VON
Limitation
Current
Limitation
VCC – OUT
Clamp
Internal supply
CH 1
OUTPUT0
CH 0
Current
Sense
0
GND
Undervoltage
shut-down
VCC – GND
Clamp
Fault
Short to VCC
Open-Load in OFF
Overtemperature
Power Limitation
T
VSENSEH
INPUT0
SEL0
SEn
CS
FaultRST
INPUT1
OUTPUT1
Gate Driver
INPUT2
INPUT3
OUTPUT2
OUTPUT3
SEL1
GAPGCFT00605
DocID027405 Rev 1
5/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com