Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAFC505 Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # SAFC505
Description  8-bit CMOS Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAFC505 Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button SAFC505 Datasheet HTML 35Page - Infineon Technologies AG SAFC505 Datasheet HTML 36Page - Infineon Technologies AG SAFC505 Datasheet HTML 37Page - Infineon Technologies AG SAFC505 Datasheet HTML 38Page - Infineon Technologies AG SAFC505 Datasheet HTML 39Page - Infineon Technologies AG SAFC505 Datasheet HTML 40Page - Infineon Technologies AG SAFC505 Datasheet HTML 41Page - Infineon Technologies AG SAFC505 Datasheet HTML 42Page - Infineon Technologies AG SAFC505 Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 85 page
background image
C505L
Data Sheet
37
06.99
.
Figure 17
LCD Clocking
The generated LCD clock has a duty-cycle of 50%. The table in Figure 17 shows the recommended
reload values at different input frequencies (
f
LCDIN) to generate LCD clocks of frequencies less than
360 Hz.
The frequency of the LCD clock could be calculated by:
MCD03859
1
0
RTC
f
OSC
f
CSEL
SLT
LCDIN
f
15-Bit Down Counter
LC14-0
LCR14
LCR0
LCR14-0
LC0
LC14
Underflow
(Reload)
Toggle
LCD
f
(< 360 Hz)
LCR
(15-Bit reload)
LCD
f
(in Hz)
LCDIN
f
32.768 kHz
002E H
356.17
2 MHz
0ADA H
359.97
4 MHz
15B4 H
359.97
6 MHz
208E H
359.97
20 MHz
16 MHz
12 MHz
10 MHz
6C84H
3642
56D0
411C
H
H
H
359.97
359.97
359.97
359.97
f
LCD =
f
LCDIN
2
× (15-bit reload value)
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com