Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAFC505 Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # SAFC505
Description  8-bit CMOS Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAFC505 Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button SAFC505 Datasheet HTML 45Page - Infineon Technologies AG SAFC505 Datasheet HTML 46Page - Infineon Technologies AG SAFC505 Datasheet HTML 47Page - Infineon Technologies AG SAFC505 Datasheet HTML 48Page - Infineon Technologies AG SAFC505 Datasheet HTML 49Page - Infineon Technologies AG SAFC505 Datasheet HTML 50Page - Infineon Technologies AG SAFC505 Datasheet HTML 51Page - Infineon Technologies AG SAFC505 Datasheet HTML 52Page - Infineon Technologies AG SAFC505 Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 85 page
background image
C505L
Data Sheet
47
06.99
Fail Save Mechanisms
The C505L offers enhanced fail safe mechanisms, which allow an automatic recovery from software
upset or hardware failure:
– a programmable watchdog timer (WDT), with variable time-out period from 192
µsupto
approx. 393.2 ms at 16 MHz (314.5 ms at 20 MHz).
– an oscillator watchdog (OWD) which monitors the on-chip oscillator and forces the
microcontroller into reset state in case the on-chip oscillator fails; it also provides the clock for
a fast internal reset after power-on.
The watchdog timer in the C505L is a 15-bit timer, which is incremented by a count rate of
f
OSC/12
up to
f
OSC/192. The system clock of the C505L is divided by two prescalers, a divide-by-two and a
divide-by-16 prescaler. For programming of the watchdog timer overflow rate, the upper 7 bits of the
watchdog timer can be written. Figure 24 shows the block diagram of the watchdog timer unit.
Figure 24
Block Diagram of the Watchdog Timer
The watchdog timer can be started by software (bit SWDT in SFR IEN1) but it cannot be stopped
during active mode of the device. If the software fails to refresh the running watchdog timer an
internal reset will be initiated on watchdog timer overflow. For refreshing of the watchdog timer the
content of the SFR WDTREL is transferred to the upper 7-bit of the watchdog timer. The refresh
sequence consists of two consecutive instructions which set the bits WDT and SWDT each. The
reset cause (external reset or reset caused by the watchdog) can be examined by software (flag
WDTS). It must be noted, however, that the watchdog timer is halted during the idle mode and
power down mode of the processor.
MCB03306
IP0 (A9 )
H
OSC
f
WDTS
2
16
14
07
8
WDTL
WDTH
/ 6
External HW Reset
Control Logic
IEN0 (A8 )
H
IEN1 (B8 )
H
6
70
WDT Reset - Request
WDTPSEL
WDTREL (86 )
H
WDT
SWDT
OWDS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com