Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAFC505 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # SAFC505
Description  8-bit CMOS Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAFC505 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button SAFC505 Datasheet HTML 9Page - Infineon Technologies AG SAFC505 Datasheet HTML 10Page - Infineon Technologies AG SAFC505 Datasheet HTML 11Page - Infineon Technologies AG SAFC505 Datasheet HTML 12Page - Infineon Technologies AG SAFC505 Datasheet HTML 13Page - Infineon Technologies AG SAFC505 Datasheet HTML 14Page - Infineon Technologies AG SAFC505 Datasheet HTML 15Page - Infineon Technologies AG SAFC505 Datasheet HTML 16Page - Infineon Technologies AG SAFC505 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 85 page
background image
C505L
Data Sheet
11
06.99
P1.0-P1.7
71-78
71
72
73
74
75
76
77
78
I/O
Port 1
is an 8-bit quasi-bidirectional port with internal pull-up
arrangement. Port 1 pins can be used for digital input/output
or as analog inputs to the A/D converter. Port 1 pins that
have a 1 written to them are pulled high by internal pull-up
transistors and in that state can be used as inputs. As
inputs, port 1 pins being pulled low externally will source
current (
I
IL, in the DC characteristics) because of the internal
pullup transistors. Port 1 pins are assigned to be used as
analog inputs via the register P1ANA.
As secondary digital functions, port 1 contains the interrupt,
timer, clock, capture and compare pins. The output latch
corresponding t o a secondary f unction m ust be
programmed to a one (1) for that function to operate (except
for compare functions). The secondary functions are
assigned to the pins of port 1 as follows:
P1.0 / AN0 / INT3 / CC0
Analog input channel 0
interrupt 3 input /
capture/compare channel 0 I/O
P1.1 / AN1 / INT4 / CC1
Analog input channel 1/
interrupt 4 input /
capture/compare channel 1 I/O
P1.2 / AN2 / INT5 / CC2
Analog input channel 2 /
interrupt 5 input /
capture/compare channel 2 I/O
P1.3 / AN3 / INT6 / CC3
Analog input channel 3
interrupt 6 input /
capture/compare channel 3 I/O
P1.4 / AN4
Analog input channel 4
P1.5 / AN5 / T2EX
Analog input channel 5 / timer 2
external reload / trigger input
P1.6 / AN6 / CLKOUT
Analog input channel 6 /
system clock output
P1.7 / AN7 / T2
Analog input channel 7 /
timer/counter 2 input
*) I = Input
O = Output
Table 1
Pin Definitions and Functions (cont’d)
Symbol
Pin Number
I/O*)
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com