Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAFC505 Datasheet(PDF) 54 Page - Infineon Technologies AG

Part # SAFC505
Description  8-bit CMOS Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAFC505 Datasheet(HTML) 54 Page - Infineon Technologies AG

Back Button SAFC505 Datasheet HTML 50Page - Infineon Technologies AG SAFC505 Datasheet HTML 51Page - Infineon Technologies AG SAFC505 Datasheet HTML 52Page - Infineon Technologies AG SAFC505 Datasheet HTML 53Page - Infineon Technologies AG SAFC505 Datasheet HTML 54Page - Infineon Technologies AG SAFC505 Datasheet HTML 55Page - Infineon Technologies AG SAFC505 Datasheet HTML 56Page - Infineon Technologies AG SAFC505 Datasheet HTML 57Page - Infineon Technologies AG SAFC505 Datasheet HTML 58Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 85 page
background image
C505L
Data Sheet
52
06.99
OTP Memory Operation
The C505L contains a 32 Kbyte one-time programmable (OTP) program memory. With the C505L
fast programming cycles are achieved (1 byte in 100
µs). Also several levels of OTP memory
protection can be selected.
For programming of the device, the C505L must be put into the programming mode. This typically
is done not in-system but in a special programming hardware. In the programming mode the C505L
operates as a slave device similar as an EPROM stand-alone memory device and must be
controlled with address/data information, control lines, and an external 11.5 V programming
voltage. Figure 26 shows the pins of the C505L which are required for controlling of the OTP
programming mode.
Figure 26
Programming Mode Configuration
MCL04038
C505L
P0.0-7
XTAL1
XTAL2
V
DD
V
SS
EA/
V
PP
PROG
PRD
RESET
PSEN
PSEL
PMSEL1
PMSEL0
PALE
P2.0-7
Port 2
Port 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com