Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF430CL331HIPWR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # RF430CL331HIPWR
Description  NFC Type 4B Dynamic Dual Interface Transponder
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RF430CL331HIPWR Datasheet(HTML) 15 Page - Texas Instruments

Back Button RF430CL331HIPWR Datasheet HTML 11Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 12Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 13Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 14Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 15Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 16Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 17Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 18Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
B
A
E
F
H
C
D
G
A
D
B
C
E
RF430CL331H
www.ti.com
SLASE18A – SEPTEMBER 2015 – REVISED NOVEMBER 2015
5.6.1
I
2C Examples
Figure 5-4 and Figure 5-5 show examples of I2C accesses to the Control and Status registers,
respectively. Comments are provided on the tags in the figures.
5.6.1.1
I2C Write
Figure 5-4. I2C Access Example: Write of the Control Register at Address 0xFFFE With 0x00, 0x16 (RF
Enable = 1)
A. I2C_READY signal, by being high indicates that I2C communication can be started.
B. The device address (18h because E0 = E1 = E2 = 0) is being transmitted out.
C. Register address is 0xFFFEh (which is the Control register).
D. I2C_READY line is now low, new I2C communication should not be started.
E. The data to write is transmitted (0016h).
5.6.1.2
I2C Read
Figure 5-5. I2C Access Example: Read of the Status Register at Address 0xFFFC, Responds With 0x00,
0x01 (Device_Ready = 1)
A. I2C_READY signal, by being high indicates that I2C communication can be started.
B. Packet has started: the device address (18h because E0 = E1 = E2 = 0) is being sent out.
C. Address FFFCh next is transmitted, which is the address of the status register.
Copyright © 2015, Texas Instruments Incorporated
Detailed Description
15
Submit Documentation Feedback
Product Folder Links: RF430CL331H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com