Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF430CL331HIPWR Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # RF430CL331HIPWR
Description  NFC Type 4B Dynamic Dual Interface Transponder
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RF430CL331HIPWR Datasheet(HTML) 38 Page - Texas Instruments

Back Button RF430CL331HIPWR Datasheet HTML 34Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 35Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 36Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 37Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 38Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 39Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 40Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 41Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
RF430CL331H
SLASE18A – SEPTEMBER 2015 – REVISED NOVEMBER 2015
www.ti.com
5.11.3 Interrupt Registers
The interrupt enable register (see Table 5-14 and Table 5-15) determines which interrupt events are
signaled on the external output pin INTO. Setting any bit high in this register allows the corresponding
event to trigger the interrupt signal. See Table 5-18 for a description of each interrupt.
All enabled interrupt signals are ORed together, and the result is signaled on the output pin INTO.
Table 5-14. Interrupt Enable Register
ADDRESS
15
14
13
12
11
10
9
8
Read
0xFFFB
Reserved
Prefetch
ADDRESS
7
6
5
4
3
2
1
0
CRC
RF Field
General Type
BIP-8 Error
0xFFFA
Generic Error
Calculation
Reserved
Removed
4 Request
Detected
Completed
Table 5-15. Interrupt Enable Register Description
BIT
FIELD
TYPE
RESET
DESCRIPTION
15-9
Reserved
R
0
Reserved for future use. Write with 0.
Enable for the Read Prefetch IRQ. All enabled interrupt signals are ORed
together, and the result is signaled on the output pin INTO.
8
Read Prefetch
R/W
0
0b = IRQ disabled
1b = IRQ enabled
Enable for the Generic Error IRQ. All enabled interrupt signals are ORed
together, and the result is signaled on the output pin INTO.
7
Generic Error
R/W
0
0b = IRQ disabled
1b = IRQ enabled
Enable for the RF Field Removed IRQ. All enabled interrupt signals are ORed
together, and the result is signaled on the output pin INTO.
6
RF Field Removed
R/W
0
0b = IRQ disabled
1b = IRQ enabled
Enable for the General Type 4 Request IRQ. All enabled interrupt signals are
ORed together, and the result is signaled on the output pin INTO.
5
General Type 4 Request
R/W
0
0b = IRQ disabled
1b = IRQ enabled
Enable for the BIP-8 Error Detected IRQ. All enabled interrupt signals are
ORed together, and the result is signaled on the output pin INTO.
4
BIP-8 Error Detected
R/W
0
0b = IRQ disabled
1b = IRQ enabled
Enable for the CRC Calculation Completed IRQ. All enabled interrupt signals
are ORed together, and the result is signaled on the output pin INTO.
3
CRC Calculation Completed
R/W
0
0b = IRQ disabled
1b = IRQ enabled
2-0
Reserved
R
0
Reserved for future use. Write with 0.
38
Detailed Description
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: RF430CL331H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com