Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF430CL331HIPWR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # RF430CL331HIPWR
Description  NFC Type 4B Dynamic Dual Interface Transponder
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RF430CL331HIPWR Datasheet(HTML) 19 Page - Texas Instruments

Back Button RF430CL331HIPWR Datasheet HTML 15Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 16Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 17Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 18Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 19Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 20Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 21Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 22Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
RF430CL331H
www.ti.com
SLASE18A – SEPTEMBER 2015 – REVISED NOVEMBER 2015
5.8
NDEF Structure
The NDEF message in its entirety is not stored at any time on the PICC. The host controller writes to the
buffer memory as the NFC Type 4 requests come in.
Table 5-8 shows the mandatory structure. This NDEF message would be present on the memory of the
host controller. For more information, refer to the NFC Forum Type 4 Tag Operation Specification (see
Section 6.2).
Table 5-8. NDEF Application Data
2B - CCLen
1B - Mapping version (1)
2B - MLe = 000F9h (2)
2B - MLc = 000F6h
Capability Container
1B - Tag = 04h
Selectable by
1B - Len = 06h
File ID = E103h
NDEF Application
The NDEF file
Selectable by Name =
2B - File Identifier
NDEF File Ctrl TLV
control TLV is
D2760000850101h
2B - Maximum file size
mandatory
6B - Val
1B - Read access
1B - Write access
2B - Len
NDEF File
Mandatory NDEF
Selectable by
xB - Binary NDEF file content
file
File ID = xxyyh
yB - Unused if Len < Maximum file size in File Ctrl TLV
(1)
RF430CL331H only supports mapping version up to 2.0.
(2)
RF430CL331H specific
Copyright © 2015, Texas Instruments Incorporated
Detailed Description
19
Submit Documentation Feedback
Product Folder Links: RF430CL331H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com