Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF430CL331HIPWR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # RF430CL331HIPWR
Description  NFC Type 4B Dynamic Dual Interface Transponder
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RF430CL331HIPWR Datasheet(HTML) 18 Page - Texas Instruments

Back Button RF430CL331HIPWR Datasheet HTML 14Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 15Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 16Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 17Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 18Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 19Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 20Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 21Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
RF430CL331H
SLASE18A – SEPTEMBER 2015 – REVISED NOVEMBER 2015
www.ti.com
5.7.3
Data Rate Settings
The device supports data rates of 106, 212, 424, and 848 kbps.
The device always answers ATTRIB commands from the PCD that request higher data rates. The NFC
Forum specifies for NFC-B a maximum data rate of 106 kbps. It is assumed that an NFC-compliant PCD
would not request higher data rates, thus, no interoperability issues are expected.
Even though all data rates up to 848 kbps are supported, the device by default reports only the capability
to support 106 kbps to the PCD.
To change this behavior, follow these steps using the I2C serial interface:
1. If you do not want to support all data rates up to 848 kbps, change the Data Rate Capability byte
according to Table 5-7. Table 5-6 summarizes how to write the data rate, and the Data Rate Capability
byte is set by the DATA 0 value in Step 3. Write Access.
2. Do the steps of the selected sequence. It is important to execute this sequence (in Table 5-6) before
setting the Control register.
NOTE
The General Control register (see Section 5.11.1) is set to 0 after the sequence is completed
in Table 5-6.
Table 5-6. Data Rate Setting Sequence
ADDRESS BITS
ADDRESS BITS
ACCESS TYPE
DATA 0
DATA 1
15 TO 8
7 TO 0
1. Write Access
0xFF
0xE0
0x4E
0x00
2. Write Access
0xFF
0xFE
0x80
0x00
3. Write Access
0x2A
0xBA
0xF7 (1)
0x00
4. Write Access
0x27
0xB8
0x00
0x00
5. Write Access
0xFF
0xE0
0x00
0x00
(1)
Data Rate Capability according to Table 5-7. 0xF7: all data rates up to 848 kbps are supported.
Table 5-7. Data Rate Capability
DATA RATA CAPABILITY BYTE
DESCRIPTION
B7
B6
B5
B4
B3
B2
B1
B0
0
0
0
0
0
0
0
0
PICC supports only 106 kbps in both directions (default).
1
x
x
x
0
x
x
x
Same data rate from PCD to PICC and from PICC to PCD compulsory
x
x
x
1
0
x
x
x
PICC to PCD, data rate supported is 212 kbps
x
x
1
x
0
x
x
x
PICC to PCD, data rate supported is 424 kbps
x
1
x
x
0
x
x
x
PICC to PCD, data rate supported is 848 kbps
x
x
x
x
0
x
x
1
PCD to PICC, data rate supported is 212 kbps
x
x
x
x
0
x
1
x
PCD to PICC, data rate supported is 424 kbps
x
x
x
x
0
1
x
x
PCD to PICC, data rate supported is 848 kbps
18
Detailed Description
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: RF430CL331H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com