Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM41L232 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # RM41L232
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM41L232 Datasheet(HTML) 33 Page - Texas Instruments

Back Button RM41L232 Datasheet HTML 29Page - Texas Instruments RM41L232 Datasheet HTML 30Page - Texas Instruments RM41L232 Datasheet HTML 31Page - Texas Instruments RM41L232 Datasheet HTML 32Page - Texas Instruments RM41L232 Datasheet HTML 33Page - Texas Instruments RM41L232 Datasheet HTML 34Page - Texas Instruments RM41L232 Datasheet HTML 35Page - Texas Instruments RM41L232 Datasheet HTML 36Page - Texas Instruments RM41L232 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 108 page
background image
RM41L232
www.ti.com
SPNS240A – OCTOBER 2014 – REVISED JUNE 2015
6.4.6.1
Application Sequence for CPU Self-Test
1. Configure clock domain frequencies.
2. Select the number of test intervals to be run.
3. Configure the timeout period for the self-test run.
4. Save the CPU state if required
5. Enable self-test.
6. Wait for CPU reset.
7. In the reset handler, read CPU self-test status to identify any failures.
8. Retrieve CPU state if required.
For more information, see the RM41x 16/32-Bit RISC Flash Microcontroller Technical Reference Manual
(SPNU596).
6.4.6.2
CPU Self-Test Clock Configuration
The maximum clock rate for the self-test is 45 MHz. The STCCLK is divided down from the CPU clock,
when necessary. This divider is configured by the STCCLKDIV register at address 0xFFFFE108.
6.4.6.3
CPU Self-Test Coverage
Table 6-7 shows CPU test coverage achieved for each self-test interval. It also lists the cumulative test
cycles. The test time can be calculated by multiplying the number of test cycles with the STC clock period.
Table 6-7. CPU Self-Test Coverage
INTERVALS
TEST COVERAGE, %
TEST CYCLES
0
0
0
1
60.06
1365
2
68.71
2730
3
73.35
4095
4
76.57
5460
5
78.7
6825
6
80.4
8190
7
81.76
9555
8
82.94
10920
9
83.84
12285
10
84.58
13650
11
85.31
15015
12
85.9
16380
13
86.59
17745
14
87.17
19110
15
87.67
20475
16
88.11
21840
17
88.53
23205
18
88.93
24570
19
89.26
25935
20
89.56
27300
21
89.86
28665
22
90.1
30030
23
90.36
31395
24
90.62
32760
Copyright © 2014–2015, Texas Instruments Incorporated
System Information and Electrical Specifications
33
Submit Documentation Feedback
Product Folder Links: RM41L232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com