Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM41L232 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # RM41L232
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM41L232 Datasheet(HTML) 8 Page - Texas Instruments

Back Button RM41L232 Datasheet HTML 4Page - Texas Instruments RM41L232 Datasheet HTML 5Page - Texas Instruments RM41L232 Datasheet HTML 6Page - Texas Instruments RM41L232 Datasheet HTML 7Page - Texas Instruments RM41L232 Datasheet HTML 8Page - Texas Instruments RM41L232 Datasheet HTML 9Page - Texas Instruments RM41L232 Datasheet HTML 10Page - Texas Instruments RM41L232 Datasheet HTML 11Page - Texas Instruments RM41L232 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 108 page
background image
RM41L232
SPNS240A – OCTOBER 2014 – REVISED JUNE 2015
www.ti.com
3
Device Comparison
Table 3-1 lists the features of the RM41L232 devices.
Table 3-1. RM41L232 Device Comparison(1)(2)
FEATURES
DEVICES
Generic Part
RM46L852ZWT
(3)
RM44L922ZWT
RM44L920PGE
RM44L920PZ
RM44L520PGE
RM44L520PZ
RM42L432PZ
(3)
RM41L232PZ
Number
Package
337 BGA
337 BGA
144 QFP
100 QFP
144 QFP
100 QFP
100 QFP
100 QFP
CPU
ARM Cortex-R4F
ARM Cortex-R4F
ARM Cortex-R4F
ARM Cortex-R4F
ARM Cortex-R4F
ARM Cortex-R4F
ARM Cortex-R4
ARM Cortex-R4
Frequency (MHz)
220
220
200
120
200
120
100
80
Flash (KB)
1280
1024
1024
1024
768
768
384
128
RAM (KB)
192
128
128
128
128
128
32
32
Data Flash
64
64
64
64
64
64
16
16
[EEPROM] (KB)
USB OHCI +
2+0 or 1+1
–
–
–
–
–
–
–
Device
EMAC
10/100
–
–
–
–
–
–
–
CAN
3
3
3
2
3
2
2
2
MibADC
2 (24ch)
2 (24ch)
2 (24ch)
2 (24ch)
2 (24ch)
2 (16ch)
1 (16ch)
1 (16ch)
12-bit (Ch)
N2HET (Ch)
2 (44)
2 (44)
2 (40)
2 (21)
2 (40)
2 (21)
1 (19)
1 (19)
ePWM Channels
14
14
14
8
14
8
–
–
eCAP Channels
6
6
6
4
6
4
–
–
eQEP Channels
2
2
2
1
2
1
1
1
MibSPI (CS)
3 (6 + 6 + 4)
3 (6 + 6 + 4)
3 (5 + 6 + 1)
2 (4 + 2)
3 (5 + 6 + 1)
2 (4 + 2)
1 (4)
1 (4)
SPI (CS)
2 (2 + 1)
2 (2 + 1)
1 (1)
1 (1)
1 (1)
1 (1)
2 (4 + 4)
2 (4 + 4)
SCI (LIN)
2 (1 with LIN)
2 (1 with LIN)
2 (1 with LIN)
1(with LIN)
2 (1 with LIN)
1(with LIN)
1(with LIN)
1(with LIN)
I2C
1
1
1
–
1
–
–
–
101 (with 16
101 (with 16
64 (with 16
45 (with 9
64 (with 10
45 (with 9
45 (with 8
45 (with 8
GPIO (INT)
(4)
interrupt capable)
interrupt capable)
interrupt capable)
interrupt capable)
interrupt capable)
interrupt capable)
interrupt capable)
interrupt capable)
EMIF
16-bit data
–
–
–
–
–
–
–
ETM [Trace]
–
–
–
–
–
–
–
–
(Data)
RTP/DMM (Data)
–
–
–
–
–
–
–
–
Operating
–40ºC to 105ºC
–40ºC to 105ºC
–40ºC to 105ºC
–40ºC to 105ºC
–40ºC to 105ºC
–40ºC to 105ºC
–40ºC to 105ºC
–40ºC to 105ºC
Temperature
Core Supply (V)
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
I/O Supply (V)
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
(1)
For additional device variants, see www.ti.com/rm
(2)
This table reflects the maximum configuration for each peripheral. Some functions are multiplexed and not all pins are available at the
same time.
(3)
Superset device
(4)
Total number of pins that can be used as general-purpose input or output when not used as part of a peripheral.
8
Device Comparison
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: RM41L232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com