Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS6151 Datasheet(PDF) 49 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 49 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 45Page - Semtech Corporation GS6151 Datasheet HTML 46Page - Semtech Corporation GS6151 Datasheet HTML 47Page - Semtech Corporation GS6151 Datasheet HTML 48Page - Semtech Corporation GS6151 Datasheet HTML 49Page - Semtech Corporation GS6151 Datasheet HTML 50Page - Semtech Corporation GS6151 Datasheet HTML 51Page - Semtech Corporation GS6151 Datasheet HTML 52Page - Semtech Corporation GS6151 Datasheet HTML 53Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
49 of 77
Semtech
Proprietary & Confidential
www.semtech.com
7h
INPUT_CONTROL_
REG_2
RSVD
15:12
RW
0h
Reserved. Do not change.
DDI_SELECT
11:10
RW
0h
Input Selection
00b: DDI0
01b: DDI1
Used when INPUT_SELECTION_CONTROL is
set to 01b or 11b
INPUT_SELECTION_CONTROL
9:8
RW
0h
Determines the source for the input
selection block.
X0b: Use the DDI_SEL/STROBE pin
01b: Use the DDI_SELECT bit
11b: Use the DDI_SELECT bit; update occurs
on low-to-high transition of
DDI_SEL/STROBE pin.
RSVD
7:6
RW
3h
Reserved. Do not change.
DDI1_TRACE_EQ_DC_TERM_
ENABLE
5:5
RW
1h
Enable DDI1 on-chip Trace-EQ DC
termination.
00b: Disabled
01b: Enabled
DDI0_TRACE_EQ_DC_TERM_
ENABLE
4:4
RW
1h
Enable DDI0 on-chip Trace-EQ DC
termination.
00b: Disabled
01b: Enabled
RSVD
3:0
RW
0h
Reserved. Do not change.
8h
RESERVED
RSVD
15:0
ROCW
Reserved. Do not change.
9h
RESERVED
RSVD
15:0
RO
Reserved. Do not change.
Ah
RESERVED
RSVD
15:0
RO
Reserved. Do not change.
Bh
RESERVED
RSVD
15:0
RO
Reserved. Do not change.
Ch
RESERVED
RSVD
15:0
RO
Reserved. Do not change.
Dh
RESERVED
RSVD
15:0
RO
Reserved. Do not change.
Eh
RESERVED
RSVD
15:0
RO
Reserved. Do not change.
Table 5-1: Register Descriptions - Standard Address Space (Continued)
Address Register Name
Parameter Name
Bit
Slice
R/W
Reset
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com