Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS6151 Datasheet(PDF) 33 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 33 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 29Page - Semtech Corporation GS6151 Datasheet HTML 30Page - Semtech Corporation GS6151 Datasheet HTML 31Page - Semtech Corporation GS6151 Datasheet HTML 32Page - Semtech Corporation GS6151 Datasheet HTML 33Page - Semtech Corporation GS6151 Datasheet HTML 34Page - Semtech Corporation GS6151 Datasheet HTML 35Page - Semtech Corporation GS6151 Datasheet HTML 36Page - Semtech Corporation GS6151 Datasheet HTML 37Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
33 of 77
Semtech
Proprietary & Confidential
www.semtech.com
4.11.6 GSPI Transaction Timing
Figure 4-10: GSPI External Interface Timing
X
t
cmd_GSPI_config
t
cmd
t
9
SCLK
SDOUT
SDIN
X
CS
R /W
BCST
SCLK
Write Mode
SDI signal is looped out on SDO
SDOUT
EMEM
Auto_Inc
A4
A3
A2
A1
A0
R /W
BCST
SDIN
EMEM
Auto_Inc
UA4
UA3
UA2
UA1
UA0
A4
A3
A2
A1
A0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
D15
D14
D13
D12
D11
D10
D9
D8
t
0
t
8
t
2
t
3
t
1
t
7
t
4
A6
A5
UA4
UA3
UA2
UA1
UA0
A6
A5
CS
R/W
RSV
Read Mode
SDI signal is looped out on SDO
EMEM
Auto_Inc
A4
A3
A2
A1
A0
Read Data is output on SDO
D0
R/W
RSV
EMEM
Auto_Inc
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D15
D14
D13
D12
D11
D10
D9
D8
t
9
t
6
t
5
UA4
UA3
UA2
UA1
UA0
A6
A5
UA4
UA3
UA2
UA1
UA0
A6
A5
SCLK
SDOUT
SDIN
CS
Table 4-8: GSPI Timing Parameters
Parameter
Symbol
Equivalent
SCLK
Cycles
(at 27MHz)
Min
Typ
Max
Units
SCLK frequency
27
MHz
CS low before SCLK rising edge
t0
2.0
ns
SCLK period
t1
37
ns
SCLK duty cycle
t2
40
50
60
%
Input data setup time
t3
2.7
ns
SCLK idle time -write
t4
137
ns
SCLK idle time - read
t5
5
161.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com