Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS6151 Datasheet(PDF) 28 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 28 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 24Page - Semtech Corporation GS6151 Datasheet HTML 25Page - Semtech Corporation GS6151 Datasheet HTML 26Page - Semtech Corporation GS6151 Datasheet HTML 27Page - Semtech Corporation GS6151 Datasheet HTML 28Page - Semtech Corporation GS6151 Datasheet HTML 29Page - Semtech Corporation GS6151 Datasheet HTML 30Page - Semtech Corporation GS6151 Datasheet HTML 31Page - Semtech Corporation GS6151 Datasheet HTML 32Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
28 of 77
Semtech
Proprietary & Confidential
www.semtech.com
4.11 GSPI Host Interface
The GS6151 is controlled via the Gennum Serial Peripheral Interface (GSPI).
The GSPI host interface is comprised of a serial data input signal (SDIN pin), serial data
output signal (SDOUT pin), an active-low chip select (CS pin) and a burst clock (SCLK
pin).
The GS6151 is a slave device, therefore the SCLK, SDIN and CS signals must be sourced
by the application host processor.
All read and write access to the device is initiated and terminated by the application
host processor.
It is strongly recommended to connect the GSPI pins of the GS6151 to a host/system
processor/controller or FPGA to facilitate optimization of the device to meet specific
application requirements. Modification of many device settings is only facilitated
through the GSPI of the GS6151, and is not available on external pins.
4.11.1 CS Pin
The Chip Select pin (CS) is an active-low signal provided by the host processor to the
GS6151.
The high-to-low transition of this pin marks the start of serial communication to the
GS6151.
The low-to-high transition of this pin marks the end of serial communication to the
GS6151.
There is an option for each device to use a separate unique Chip Select signal from the
host processor or for up to 32 devices to be connected to a single Chip Select when
making use of the Unit Address feature.
Only those devices whose Unit Address matches the UNIT ADDRESS in the GSPI
Command Word will respond to communication from the host processor (unless the
B’CAST ALL bit in the GSPI Command Word is set to 1).
4.11.2 SDIN Pin
The SDIN pin is the GSPI serial data input pin of the GS6151.
The 16-bit Command and Data Words from the host processor or from the SDOUT pin
of other devices are shifted into the device on the rising edge of SCLK when the CS pin
is low.
4.11.3 SDOUT Pin
The SDOUT pin is the GSPI serial data output of the GS6151.
All data transfers out of the GS6151 to the host processor or to the SDIN pin of other
connected devices occur from this pin.
By default at power up or after system reset, the SDOUT pin provides a non-clocked path
directly from the SDIN pin, regardless of the CS pin state, except during the GSPI Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com