Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS6151 Datasheet(PDF) 18 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 18 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 14Page - Semtech Corporation GS6151 Datasheet HTML 15Page - Semtech Corporation GS6151 Datasheet HTML 16Page - Semtech Corporation GS6151 Datasheet HTML 17Page - Semtech Corporation GS6151 Datasheet HTML 18Page - Semtech Corporation GS6151 Datasheet HTML 19Page - Semtech Corporation GS6151 Datasheet HTML 20Page - Semtech Corporation GS6151 Datasheet HTML 21Page - Semtech Corporation GS6151 Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
18 of 77
Semtech
Proprietary & Confidential
www.semtech.com
4.2 Reference Clock
The GS6151 can operate with or without an external frequency reference. For
applications requiring rapid asynchronous locking, a 27MHz reference or crystal is
required.
The PLL lock times for both referenceless and external crystal reference operation are
given in Table 2-3: AC Electrical Characteristics.
If a reference is connected to the XTAL_CLK_IN pin or a crystal is connected to the
XTAL_CLK_IN and XTAL_CLK_OUT pins of the device, it will automatically be used as the
reference frequency for rapid asynchronous lock. If XTAL_CLK_IN is not connected to a
crystal, XTAL_CLK_OUT must be left unconnected.
The XTAL_CLK_IN pin operates correctly when connected directly to the
XTAL_BUF_OUT from another GS6151, or a 27MHz output of a different device.
4.3 Signal Monitoring
The GS6151 measures and reports the following signal status and quality monitoring
parameters:
Loss of Signal
Lock Detection
Rate Detection
Low/High Bit Rate Detection
4.3.1 Loss of Signal Detection
LOS (Loss of Signal) detection is an active HIGH output available to the application on
either of the GPIO0 or GPIO1 multi-function status and control pins. It is selected for
output using the GPIO[0:1]_IO_SELECT and GPIO[0:1]_SELECT bits accessible in the
GPIO_CONTROL_REG_0 register at address 2h. It is the default output of the GPIO0 pin.
LOS indicates when the serial digital signal selected by the input selector is invalid. This
function is always active.
The corresponding GPIO pin will be HIGH (signal lost) when the input signal amplitude
within a predefined window falls below the threshold set by the bits
DDI[0:1]_LOS_THRESHOLD_CONTROL in the LOS_CONTROL_REG_1 register at address
10h. The LOS threshold hysteresis can be set by the LOS_HYSTERESIS bits in the
LOS_CONTROL_REG_0 register at address Fh.
The corresponding GPIO pin will be LOW (signal present) when the input signal
amplitude within a predefined window is above the defined threshold.
The LOS status is also available through the LOS bit in the PLL_STATUS register at
address 4Fh, and as a sticky status through the LOS_STICKY bit in the STICKY_STATUS
register at address 50h.
The corresponding GPIO pin will be LOW (signal present) when the input signal
amplitude within a predefined window is above the defined threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com