Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3243EUI Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3243EUI
Description  3V to 5.5V RS-232 Transceivers with AutoShutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3243EUI Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3243EUI Datasheet HTML 3Page - Maxim Integrated Products MAX3243EUI Datasheet HTML 4Page - Maxim Integrated Products MAX3243EUI Datasheet HTML 5Page - Maxim Integrated Products MAX3243EUI Datasheet HTML 6Page - Maxim Integrated Products MAX3243EUI Datasheet HTML 7Page - Maxim Integrated Products MAX3243EUI Datasheet HTML 8Page - Maxim Integrated Products MAX3243EUI Datasheet HTML 9Page - Maxim Integrated Products MAX3243EUI Datasheet HTML 10Page - Maxim Integrated Products MAX3243EUI Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
MAX3221/MAX3223/MAX3243
+3V to +5.5V RS-232 Transceivers
with AutoShutdown
Maxim Integrated | 7
www.maximintegrated.com
AutoShutdown
A 1µA supply current is achieved with Maxim’s new
AutoShutdown feature, which operates when
FORCEON is low and FORCEOFF is high. When the
MAX3221/MAX3223/MAX3243 sense no valid signal
levels on all receiver inputs for 30µs, the on-board
power supply and drivers are shut off, reducing supply
current to 1µA. This occurs if the RS-232 cable is dis-
connected or the connected peripheral transmitters are
turned off. The system turns on again when a valid level
is applied to any RS-232 receiver input. As a result, the
system saves power without changes to the existing
BIOS or operating system. When using AutoShutdown,
the INVALID output is high when the device is on and
low when the device is shut down. Because INVALID
indicates the receiver inputs’ condition, it can be used
in any mode (Figure 3).
Table 2 and Figure 3c summarize the MAX3221/
MAX3223/MAX3243 operating modes. FORCEON and
FORCEOFF override the automatic circuitry and force
the transceiver into its normal operating state or into its
low-power standby state. When neither control is assert-
ed, the IC selects between these states automatically
based on receiver input levels. Figures 3a, 3b, and 5a
depict valid and invalid RS-232 receiver levels.
A mouse or other system with AutoShutdown may need
time to wake up. Figure 4 shows a circuit that forces the
transmitters on for 100ms, allowing enough time for the
other system to realize that the MAX3221/MAX3223/
Table 1a. MAX3221/MAX3223 F
FO
OR
RC
CE
EO
OF
FF
F and
Enable Control Truth Table
Table 1b. MAX3243 F
FO
OR
RC
CE
EO
OF
FF
F Control
Truth Table
Active*
1
1
Active*
0
1
F
FO
OR
RC
CE
EO
OF
FF
F
High-Z
1
0
High-Z
0
0
T_OUT
E
EN
N
High-Z
Active
High-Z
Active
R_OUT
+0.3V
-0.3V
INVALID
TO MAX32_ _
POWER SUPPLY
AND TRANSMITTERS
R_IN
* TRANSMITTERS ARE DISABLED, REDUCING SUPPLY CURRENT TO 1
μA IF
ALL RECEIVER INPUTS ARE BETWEEN +0.3V AND -0.3V FOR AT LEAST 30
μs.
30µs
COUNTER
R
Active*
1
High-Z
0
T_OUT
F
FO
OR
RC
CE
EO
OF
FF
F
Active*
High-Z
R_OUT
Active
Active
R2OUTB
Figure 3a. MAX32_ _ Entering 1µA Supply Mode via
AutoShutdown
*Note: If the part is in AutoShutdown mode (FORCEOFF = VCC,
FORCEON = GND), it is shut down if no valid RS-232
levels are present on all receiver inputs.
FORCEON
MASTER SHDN LINE
0.1
μF1MΩ
FORCEOFF
MAX3221
MAX3223
MAX3243
POWER
MANAGEMENT
UNIT
Figure 4. AutoShutdown with Initial Turn-On to Wake Up a
Mouse or Another System
+2.7V
-2.7V
INVALID
TO MAX32_ _
POWER SUPPLY
R_IN
* TRANSMITTERS ARE ENABLED IF:
ANY RECEIVER INPUT IS GREATER THAN +2.7V OR LESS THAN -2.7V.
ANY RECEIVER INPUT HAS BEEN BETWEEN +0.3V AND -0.3V FOR LESS THAN 30
μs.
30µs
COUNTER
R
Figure 3b. MAX32_ _ with Transmitters Enabled Using
AutoShutdown
FORCEOFF
POWER DOWN
INVALID
FORCEON
INVALID IS AN INTERNALLY GENERATED SIGNAL
THAT IS USED BY THE AUTOSHUTDOWN LOGIC
AND APPEARS AS AN OUTPUT OF THE DEVICE.
POWER DOWN IS ONLY AN INTERNAL SIGNAL.
IT CONTROLS THE OPERATIONAL STATUS OF
THE TRANSMITTERS AND THE POWER SUPPLIES.
Figure 3c. AutoShutdown Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com