Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3243EUI Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3243EUI
Description  3V to 5.5V RS-232 Transceivers with AutoShutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3243EUI Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3243EUI Datasheet HTML 1Page - Maxim Integrated Products MAX3243EUI Datasheet HTML 2Page - Maxim Integrated Products MAX3243EUI Datasheet HTML 3Page - Maxim Integrated Products MAX3243EUI Datasheet HTML 4Page - Maxim Integrated Products MAX3243EUI Datasheet HTML 5Page - Maxim Integrated Products MAX3243EUI Datasheet HTML 6Page - Maxim Integrated Products MAX3243EUI Datasheet HTML 7Page - Maxim Integrated Products MAX3243EUI Datasheet HTML 8Page - Maxim Integrated Products MAX3243EUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Maxim Integrated | 4
www.maximintegrated.com
MAX3221/MAX3223/MAX3243
+3V to +5.5V RS-232 Transceivers
with AutoShutdown
Typical Operating Characteristics
(VCC = +3.3V, 235kbps data rate, 0.1µF capacitors, all transmitters loaded with 3kΩ, TA = +25°C, unless otherwise noted.)
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
0
MAX3221/MAX3223
TRANSMITTER OUTPUT VOLTAGE
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
2000
3000
1000
4000
5000
VOUT+
VOUT-
0
2
4
6
8
10
12
14
16
18
20
22
150 500
MAX3221/MAX3223
SLEW RATE
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
2000
3000
1000
4000
5000
FOR DATA RATES UP TO 235kbps
+SLEW
-SLEW
5
10
15
20
25
30
35
40
0
5
10
15
20
25
30
35
0
MAX3221/MAX3223
SUPPLY CURRENT vs. LOAD CAPACITANCE
WHEN TRANSMITTING DATA
MAX3221/3223-03
LOAD CAPACITANCE (pF)
2000
3000
1000
4000
5000
235kbps
120kbps
20kbps
-7.5
-5.0
-2.5
0
2.5
5.0
7.5
0
MAX3243
TRANSMITTER OUTPUT VOLTAGE
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
2000
3000
1000
4000
5000
VOUT+
1 TRANSMITTER AT 235kbps
2 TRANSMITTERS AT 30kbps
VOUT-
ALL OUTPUTS LOADED WITH 3k
Ω +CL
0.1
μF CHARGE-PUMP CAPACITORS
FOR ALL DATA RATES UP TO 235kbps
4
6
8
10
12
14
16
18
20
22
24
0
MAX3243
SLEW RATE
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
2000
3000
1000
4000
5000
+SLEW
-SLEW
0
5
10
15
20
25
30
35
45
40
0
MAX3243
SUPPLY CURRENT vs. LOAD
CAPACITANCE WHEN TRANSMITTING DATA
LOAD CAPACITANCE (pF)
2000
3000
1000
4000
5000
235kbps
120kbps
20kbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com