Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3243EUI Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX3243EUI
Description  3V to 5.5V RS-232 Transceivers with AutoShutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3243EUI Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX3243EUI Datasheet HTML 9Page - Maxim Integrated Products MAX3243EUI Datasheet HTML 10Page - Maxim Integrated Products MAX3243EUI Datasheet HTML 11Page - Maxim Integrated Products MAX3243EUI Datasheet HTML 12Page - Maxim Integrated Products MAX3243EUI Datasheet HTML 13Page - Maxim Integrated Products MAX3243EUI Datasheet HTML 14Page - Maxim Integrated Products MAX3243EUI Datasheet HTML 15Page - Maxim Integrated Products MAX3243EUI Datasheet HTML 16Page - Maxim Integrated Products MAX3243EUI Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
MAX3221/MAX3223/MAX3243
+3V to +5.5V RS-232 Transceivers
with AutoShutdown
Maxim Integrated | 13
www.maximintegrated.com
3V-Powered EIA/TIA-232 and EIA/TIA-562 Transceivers from Maxim
0.1µF capacitors, MAX242 pinout
232
120
2
2/2
3.0 to 5.5
MAX3222
0.1µF capacitors, AutoShutdown
232
120
2
2/2
3.0 to 5.5
MAX3223
0.1µF capacitors, AutoShutdown
complementary receiver,
drives mice
232
120
1
3/5
3.0 to 5.5
MAX3243
0.1µF capacitors, MAX232 pinout
232
120
N/A
2/2
3.0 to 5.5
MAX3232
0.1µF capacitors, 16-pin SSOP
232
120
1
1/1
3.0 to 5.5
MAX3221
232
562
232
562
232
EIA/TIA-
232
OR 562
2.7 to 3.6
AutoShutdown, complementary
receiver, drives mice, transient
detection
235
5
3/5
MAX3212
0.1µF capacitors
120
2
2/2
3.0 to 3.6
MAX563
Operates directly from batteries
without a voltage regulator
120
2
2/2
1.8 to 4.25
MAX218
No. OF
RECEIVERS
ACTIVE IN
SHUTDOWN
POWER-
SUPPLY
VOLTAGE
(V)
230kbps guaranteed data rate
230
5
3/5
2.7 to 5.25
MAX562
Drives mice
120
5
3/5
3.0 to 3.6
MAX212
FEATURES
GUAR-
ANTEED
DATA
RATE
(kbps)
No. OF
TRANSMITTERS/
RECEIVERS
PART
0.1µF capacitors, 2 complemen-
tary receivers, drives mice
232
120
5
3/5
3.0 to 5.5
MAX3241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com