Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3243EUI Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3243EUI
Description  3V to 5.5V RS-232 Transceivers with AutoShutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3243EUI Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3243EUI Datasheet HTML 1Page - Maxim Integrated Products MAX3243EUI Datasheet HTML 2Page - Maxim Integrated Products MAX3243EUI Datasheet HTML 3Page - Maxim Integrated Products MAX3243EUI Datasheet HTML 4Page - Maxim Integrated Products MAX3243EUI Datasheet HTML 5Page - Maxim Integrated Products MAX3243EUI Datasheet HTML 6Page - Maxim Integrated Products MAX3243EUI Datasheet HTML 7Page - Maxim Integrated Products MAX3243EUI Datasheet HTML 8Page - Maxim Integrated Products MAX3243EUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MAX3221/MAX3223/MAX3243
+3V to +5.5V RS-232
Transceivers with AutoShutdown
General Description
The MAX3221/MAX3223/MAX3243 achieve 1µA supply
current with Maxim’s revolutionary AutoShutdown™
feature. When the MAX3221/MAX3223/MAX3243 do not
sense a valid signal level on their receiver inputs, the
on-board power supply and drivers shut down. This
occurs if the RS-232 cable is disconnected or if the
transmitters of the connected peripheral are turned off.
The system turns on again when a valid level is applied
to any RS-232 receiver input.
The MAX3221/MAX3223/MAX3243 require only 0.1µF
capacitors in 3.3V operation, and can operate from
input voltages ranging from +3.0V to +5.5V.
A proprietary, high-efficiency, dual charge-pump power
supply and a low-dropout transmitter combine to deliv-
er true RS-232 performance from a single +3.0V to
+5.5V supply.
The MAX3221 is a 1-driver/1-receiver 16-pin SSOP
version of the 20-pin 2-driver/2-receiver MAX3223.
The MAX3243 is a 3-driver/5-receiver with a comple-
mentary always-active receiver for external monitoring
in a variety of 28 pin packages. Please see order
information table for package offerings.
Applications
• Battery-Powered Equipment
• Hand-Held Equipment
• Peripherals
• Portable Diagnostics Equipment
Benefits and Features
• Integrated Charge Pump Circuitry Simplifies Power
Requirements
•
Eliminates the Need for a ±12 Supply
•
Operation From a Single +3.3V or +5V Supply
• 1µA Supply Current in Shutdown Mode Saves Power
•
AutoShutdown Feature is Enabled After No Activity
on Receiver Inputs for 30µs
•
Software Control Option for Shutdown
19-0306; Rev 9; 1/15
PART
MAX3221CAE
MAX3221EUE†
-40°C to +85°C
0°C to +70°C
TEMP RANGE
PIN-PACKAGE
16 SSOP
16 TSSOP
†Future product—contact factory for availability.
AutoShutdown and UCSP are trademarks of Maxim Integrated
Products, Inc.
Pin Configurations appear at end of data sheet.
Typical Operating Circuits appear at end of data sheet.
MAX3223EPP
-40°C to +85°C
20 Plastic DIP
MAX3223EAP
-40°C to +85°C
20 SSOP
MAX3243CWI
0°C to +70°C
28 Wide SO
MAX3243CAI
0°C to +70°C
28 SSOP
MAX3243EWI
-40°C to +85°C
28 Wide SO
MAX3243EAI
-40°C to +85°C
28 SSOP
MAX3223CPP
MAX3223CAP
0°C to +70°C
0°C to +70°C
20 Plastic DIP
20 SSOP
Ordering Information
Selector Guide
MAX3221
MAX3223
MAX3243
1
2
3
1
2
3.0 to 5.5
3.0 to 5.5
3.0 to 5.5
5
Yes
Yes
Yes
PART
Tx
Rx
VCC RANGE (V) AutoShutdown
MAX3221CUE†
0°C to +70°C
16 TSSOP
MAX3221EAE
-40°C to +85°C
16 SSOP
MAX3223CUP
0°C to +70°C
20 TSSOP
MAX3223EUP
-40°C to +85°C
20 TSSOP
MAX3243CUI
0°C to +70°C
28 TSSOP
MAX3243EUI
-40°C to +85°C
28 TSSOP


Similar Part No. - MAX3243EUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3243EUI MAXIM-MAX3243EUI Datasheet
318Kb / 16P
1μA Supply-Current, True 3V to 5.5V RS 232 Transceiver with AutoShutdown
Rev 6; 3/99
MAX3243EUI MAXIM-MAX3243EUI Datasheet
454Kb / 16P
1μA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 8; 10/03
MAX3243EUI MAXIM-MAX3243EUI Datasheet
1Mb / 16P
3V to 5.5V RS-232 Transceivers with AutoShutdown
19-0306; Rev 10; 5/19
More results

Similar Description - MAX3243EUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3221 MAXIM-MAX3221 Datasheet
318Kb / 16P
1μA Supply-Current, True 3V to 5.5V RS 232 Transceiver with AutoShutdown
Rev 6; 3/99
MAX3221E MAXIM-MAX3221E Datasheet
153Kb / 16P
±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 2; 1/98
MAX3224 MAXIM-MAX3224 Datasheet
235Kb / 20P
1uA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 1; 3/98
MAX3221 MAXIM-MAX3221_03 Datasheet
454Kb / 16P
1μA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 8; 10/03
MAX3224 MAXIM-MAX3224_08 Datasheet
211Kb / 20P
1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
MAX3224 MAXIM-MAX3224_11 Datasheet
251Kb / 19P
1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
MAX3221E MAXIM-MAX3221E_14 Datasheet
659Kb / 19P
±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
MAX3221 MAXIM-MAX3221_V01 Datasheet
1Mb / 16P
3V to 5.5V RS-232 Transceivers with AutoShutdown
19-0306; Rev 10; 5/19
logo
AiT Semiconductor Inc.
A3232 AITSEMI-A3232 Datasheet
455Kb / 8P
A3232INTERFACE 3V TO 5.5V, 250kbps RS-232 TRANSCEIVERS
REV1.0 - JULY 2022
logo
3PEAK INC.
TPT3232E 3PEAK-TPT3232E Datasheet
585Kb / 10P
3V to 5.5V, 250kbps RS-232 Transceivers
Rev. B.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com