Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90LS4433-4AI Datasheet(PDF) 92 Page - ATMEL Corporation

Part # AT90LS4433-4AI
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4AI Datasheet(HTML) 92 Page - ATMEL Corporation

Back Button AT90LS4433-4AI Datasheet HTML 88Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 89Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 90Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 91Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 92Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 93Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 94Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 95Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 96Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 126 page
background image
92
AT90S/LS4433
1042H–AVR–04/03
Reading the Signature Bytes
The algorithm for reading the signature bytes is as follows (refer to “Programming the
Flash” for details on command and address loading):
A: Load Command “0000 1000”.
B: Load Address Low Byte ($00 - $02).
1.
Set OE to “0”, and BS to “0”. The selected signature byte can now be read at
DATA.
2.
Set OE to “1”.
Parallel Programming
Characteristics
Figure 65. Parallel Programming Timing
Notes:
1. Use tWLWH_CE for Chip Erase and tWLWH_PFB for programming the Fuse bits.
2. If t
WLWH is held longer than tWLRH, no RDY/BSY pulse will be seen.
Table 33. Parallel Programming Characteristics T
A = 25°C ± 10%, VCC = 5V ± 10%
Symbol
Parameter
Min
Typ
Max
Units
V
PP
Programming Enable Voltage
11.5
12.5
V
IPP
Programming Enable Current
250.0
µA
t
DVXH
Data and Control Setup before XTAL1 High
67.0
ns
t
XHXL
XTAL1 Pulse Width High
67.0
ns
tXLDX
Data and Control Hold after XTAL1 Low
67.0
ns
t
XLWL
XTAL1 Low to WR Low
67.0
ns
tBVWL
BS Valid to WR Low
67.0
ns
tRHBX
BS Hold after RDY/BSY High
67.0
ns
t
WLWH
WR Pulse Width Low
(1)
67.0
ns
tWHRL
WR High to RDY/BSY Low
(2)
20.0
ns
tWLRH
WR Low to RDY/BSY High
(2)
0.5
0.7
0.9
ms
t
XLOL
XTAL1 Low to OE Low
67.0
ns
tOLDV
OE Low to DATA Valid
20.0
ns
tOHDZ
OE High to DATA Tri-stated
20.0
ns
t
WLWH_CE
WR Pulse Width Low for Chip Erase
5.0
10.0
15.0
ms
tWLWH_PFB
WR Pulse Width Low for Programming the Fuse
Bits
1.0
1.5
1.8
ms
Data & Contol
(DATA, XA0/1, BS)
DATA
XTAL1
t
XHXL
t
WLWH
t
DVXH
t
XLOL
t
OLDV
t
WHRL
t
WLRH
WR
RDY/BSY
OE
t
XLDX
t
XLWL
t
RHBX
t
OHDZ
t
BVWL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com