Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90LS4433-4AI Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT90LS4433-4AI
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4AI Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT90LS4433-4AI Datasheet HTML 8Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 9Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 10Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 11Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 12Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 13Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 14Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 15Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 126 page
background image
12
AT90S/LS4433
1042H–AVR–04/03
The direct addressing reaches the entire data space. The Indirect with Displacement
mode features 63 address locations reached from the base address given by the Y- or
Z-register.
When using register indirect addressing modes with automatic pre-decrement and post-
increment, the address registers X, Y, and Z are decremented and incremented.
The 32 general purpose working registers, 64 I/O Registers and the 128 bytes of inter-
nal data SRAM in the AT90S4433 are all accessible through all these addressing
modes.
See the next section for a detailed description of the different addressing modes.
Program and Data
Addressing Modes
The AT90S4433 AVR RISC microcontroller supports powerful and efficient addressing
modes for access to the Flash Program memory, SRAM, Register File, and I/O data
memory. This section describes the different addressing modes supported by the AVR
architecture. In the figures, OP means the operation code part of the instruction word.
To simplify, not all figures show the exact location of the addressing bits.
Register Direct, Single
Register Rd
Figure 10. Direct Single Register Addressing
The operand is contained in register d (Rd).
Register Direct, Two Registers
Rd and Rr
Figure 11. Direct Register Addressing, Two Registers
Operands are contained in registers r (Rr) and d (Rd). The result is stored in register d
(Rd).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com