Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90LS4433-4AI Datasheet(PDF) 62 Page - ATMEL Corporation

Part # AT90LS4433-4AI
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4AI Datasheet(HTML) 62 Page - ATMEL Corporation

Back Button AT90LS4433-4AI Datasheet HTML 58Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 59Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 60Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 61Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 62Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 63Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 64Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 65Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 66Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 126 page
background image
62
AT90S/LS4433
1042H–AVR–04/03
Analog Comparator
The Analog Comparator compares the input values on the positive input PD6 (AIN0)
and negative input PD7 (AIN1). When the voltage on the positive input PD6 (AIN0) is
higher than the voltage on the negative input PD7 (AIN1), the Analog Comparator Out-
put, ACO, is set (one). The comparator’s output can be set to trigger the Timer/Counter1
Input Capture function. In addition, the comparator can trigger a separate interrupt,
exclusive to the Analog Comparator. The user can select interrupt triggering on compar-
ator output rise, fall or toggle. A block diagram of the comparator and its surrounding
logic is shown in Figure 43.
Figure 43. Analog Comparator Block Diagram
Analog Comparator Control
and Status Register – ACSR
• Bit 7 – ACD: Analog Comparator Disable
When this bit is set (one), the power to the Analog Comparator is switched off. This bit
can be set at any time to turn off the Analog Comparator. When changing the ACD bit,
the Analog Comparator interrupt must be disabled by clearing the ACIE bit in ACSR.
Otherwise, an interrupt can occur when the bit is changed.
• Bit 6 – AINBG: Analog Comparator Bandgap Select
When this bit is set, BOD is enabled and the BODEN is programmed, a fixed bandgap
voltage of 1.22V ± 0.1V replaces the normal input to the positive input (AIN0) of the
comparator. When this bit is cleared, the normal input pin, PD6, is applied to the positive
input of the comparator.
• Bit 5 – ACO: Analog Comparator Output
ACO is directly connected to the comparator output.
Bit
7654
321
0
$08 ($28)
ACD
AINBG
ACO
ACI
ACIE
ACIC
ACIS1
ACIS0
ACSR
Read/Write
R/W
R/W
R
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
N/A
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com