Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX88796LF Datasheet(PDF) 19 Page - ASIX Electronics Corporation

Part # AX88796LF
Description  3-in-1 Local Bus Fast Ethernet Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796LF Datasheet(HTML) 19 Page - ASIX Electronics Corporation

Back Button AX88796LF Datasheet HTML 15Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 16Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 17Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 18Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 19Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 20Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 21Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 22Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 23Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 71 page
background image
ASIX ELECTRONICS CORPORATION
19
AX88796 L
3-in-1 Local Bus Fast Ethernet Controller
4.0 Basic Operation
4.1 Receiver Filtering
The address filtering logic compares the Destination Address Field (first 6 bytes of the received packet) to the Physical
address registers stored in the Address Register Array. If any one of the six bytes does not match the pre-programmed
physical address, the Protocol Control Logic rejects the packet. This is for unicast address filtering. All multicast
destination addresses are filtered using a hashing algorithm. (See following description.) If the multicast address indexes
a bit that has been set in the filter bit array of the Multicast Address Register Array the packet is accepted, otherwise it is
rejected by the Protocol Control Logic. Each destination address is also checked for all 1's which is the reserved broadcast
address.
4.1.1 Unicast Address Match Filter
The physical address registers are used to compare the destination address of incoming packets for rejecting or accepting
packets. Comparisons are performed on a byte wide basis. The bit assignment shown below relates the sequence in
PAR0-PAR5 to the bit sequence of the received packet.
D7
D6
D5
D4
D3
D2
D1
D0
PAR0
DA7
DA6
DA5
DA4
DA3
DA2
DA1
DA0
PAR1
DA15
DA14
DA13
DA12
DA11
DA10
DA9
DA8
PAR2
DA23
DA22
DA21
DA20
DA19
DA18
DA17
DA16
PAR3
DA31
DA30
DA29
DA28
DA27
DA26
DA25
DA24
PAR4
DA39
DA38
DA37
DA36
DA35
DA34
DA33
DA32
PAR5
DA47
DA46
DA45
DA44
DA43
DA42
DA41
DA40
Note: The bit sequence of the received packet is DA0, DA1, … DA7, DA8 ….
4.1.2 Multicast Address Match Filter
The Multicast Address Registers provide filtering of multicast addresses hashed by the CRC logic. All destination
addresses are fed through the 32 bits CRC generation logic and as the last bit of the destination address enters the CRC,
the 6 most significant bits of the CRC generator are latched. These 6 bits are then decoded by a 1 of 64 decode to index
a unique filter bit (FB0-63) in the Multicast Address Registers. If the filter bit selected is set, the multicast packet is
accepted. The system designer would use a program to determine which filter bits to set in the multicast registers. All
multicast filter bits that correspond to Multicast Address Registers accepted by the node are then set to one. To accept all
multicast packets all of the registers are set to all ones.
D7
D6
D5
D4
D3
D2
D1
D0
MAR0
FB7
FB6
FB5
FB4
FB3
FB2
FB1
FB0
MAR1
FB15
FB14
FB13
FB12
FB11
FB10
FB9
FB8
MAR2
FB23
FB22
FB21
FB20
FB19
FB18
FB17
FB16
MAR3
FB31
FB30
FB29
FB28
FB27
FB26
FB25
FB24
MAR4
FB39
FB38
FB37
FB36
FB35
FB34
FB33
FB32
MAR5
FB47
FB46
FB45
FB44
FB43
FB42
FB41
FB40
MAR6
FB55
FB54
FB53
FB52
FB51
FB50
FB49
FB48
MAR7
FB63
FB62
FB61
FB60
FB59
FB58
FB57
FB56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com