Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX88796LF Datasheet(PDF) 31 Page - ASIX Electronics Corporation

Part # AX88796LF
Description  3-in-1 Local Bus Fast Ethernet Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796LF Datasheet(HTML) 31 Page - ASIX Electronics Corporation

Back Button AX88796LF Datasheet HTML 27Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 28Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 29Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 30Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 31Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 32Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 33Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 34Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 35Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 71 page
background image
ASIX ELECTRONICS CORPORATION
31
AX88796 L
3-in-1 Local Bus Fast Ethernet Controller
4.2.5 Other Useful Operations
MEMORY DIAGNOSTICS
Memory diagnostics can be achieved by Remote Write/Read DMA operations. The following is a suggested step
for memory test and assume the AX88796 has been well initilized.
1. Issue the STOP command to the AX88796. This is accomplished be setting the STP bit in the AX88796's
Command Register. Writing 21H to the Command Register will stop the AX88796.
2. Wait for at least 1.5 ms. Since the AX88796 will complete any reception that is in progress, it is necessary to
time out for the maximum possible duration of an Ethernet reception. This action prevents buffer memory
from written data through Local DMA Write.
3. Write data pattern to MUT (memory under test) by Remote DMA write operation.
4. Read data pattern from MUT (memory under test) by Remote DMA read operation.
5. Compare the read data pattern with original write data pattern and check if it is equal.
6. Repeat step 3 to step 5 with various data pattern.
LOOPBACK DIAGNOSTICS
1. Issue the STOP command to the AX88796. This is accomplished be setting the STP bit in the AX88796's
Command Register. Writing 21H to the Command Register will stop the AX88796.
2. Wait for at least 1.5 ms. Since the AX88796 will complete any reception that is in progress, it is necessary to
time out for the maximum possible duration of an Ethernet reception. This action prevents buffer memory
from written data through Local DMA Write.
3. Place the AX88796 in mode 1 loopback. (MAC internal loopback) This can be accomplished by setting bits
D2 and D1, of the Transmit Configuration Register to ``0,1''.
4. Issue the START command to the AX88796. This can be accomplished by writing 22H to the Command
Register. This is necessary to activate the AX88796's Remote DMA channel.
5. Write data that want to transmit to transmit buffer by Remote DMA write operation.
6. Issue the TXP command to the AX88796. This can be accomplished by writing 26H to the Command
Register.
7. Read data current receive buffer by Remote DMA read operation.
8. Compare the received data with original transmit data and check if it is equal.
9. Repeat step 5 to step 8 for more packets test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com