Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX88796LF Datasheet(PDF) 54 Page - ASIX Electronics Corporation

Part # AX88796LF
Description  3-in-1 Local Bus Fast Ethernet Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796LF Datasheet(HTML) 54 Page - ASIX Electronics Corporation

Back Button AX88796LF Datasheet HTML 50Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 51Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 52Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 53Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 54Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 55Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 56Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 57Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 58Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 71 page
background image
ASIX ELECTRONICS CORPORATION
54
AX88796 L
3-in-1 Local Bus Fast Ethernet Controller
7.0 Electrical Specification and Timings
7.1 Absolute Maximum Ratings
Description
SYM
Min
Max
Units
Operating Temperature
Ta
0
+85
°C
Storage Temperature
Ts
-55
+150
°C
Supply Voltage
Vdd
-0.3
+4.6
V
Input Voltage
Vin
-0.3
5.5*
V
Output Voltage
Vout
-0.3
Vdd+0.5
V
Lead Temperature (soldering 10 seconds maximum)
Tl
-55
+220
°C
Note : Stress above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure
to Absolute Maximum Ratings conditions for extended period, adversely affect device life and reliability.
Note: * All digital input signals can sustain 5 Volts input voltage except pin-79 LCLK/XTALIN
7.2 General Operation Conditions
Description
SYM
Min
Tpy
Max
Units
Operating Temperature
Ta
0
25
+75
°C
Supply Voltage
Vdd
+3.14
+3.30
+3.46
V
7.3 DC Characteristics
(Vdd=3.0V to 3.6V, Vss=0V, Ta=0
°C to 75°C)
Description
SYM
Min
Tpy
Max
Units
Low Input Voltage
Vil
-
0.8
V
High Input Voltage
Vih
1.9
-
V
Low Output Voltage
Vol
-
0.4
V
High Output Voltage
Voh
Vdd-0.4
-
V
Input Leakage Current
Iil
-1
+1
uA
Output Leakage Current
Iol
-1
+1
uA
Description
SYM
Min
Tpy
Max
Units
Power Consumption (3.3V)
SPt3v
94
120
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com