Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX88796LF Datasheet(PDF) 41 Page - ASIX Electronics Corporation

Part # AX88796LF
Description  3-in-1 Local Bus Fast Ethernet Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796LF Datasheet(HTML) 41 Page - ASIX Electronics Corporation

Back Button AX88796LF Datasheet HTML 37Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 38Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 39Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 40Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 41Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 42Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 43Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 44Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 45Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 71 page
background image
ASIX ELECTRONICS CORPORATION
41
AX88796 L
3-in-1 Local Bus Fast Ethernet Controller
5.2.1 MR0 -- Control Register Bit Descriptions
FIELD
TYPE
DESCRIPTION
0.15 (SW_RESET)
R/W
Reset. Setting this bit to a 1 will reset the PHY. All registers will be set to
their default state. This bit is self-clearing. The default is 0.
0.14 (LOOPBACK)
R/W
Loopback. When this bit is set to 1, no data transmission will take place on
the media. Any receive data will be ignored. The loopback signal path will
contain all circuitry up to, but not including, the PMD. The default value is
a 0.
0.13(SPEED100)
R/W
Speed Selection. The value of this bit reflects the current speed of operation
(1 = 100Mbits/s; 0 = 10Mbits/s). This bit will only affect operating speed
when the autonegotiation enable bit (register 0, bit 12) is disabled (0). This
bit is ignored when autonegotiation is enabled (register 0, bit 12). This bit is
ANDed with the SPEED_PIN signal.
0.12 (NWAY_ENA)
R/W
Autonegotiation Enable. The autonegotiation process will be enabled by
set-ting this bit to a 1. The default state is a 1.
0.11 (PWRDN)
R/W
Powerdown. The PHY may be placed in a low-power state by setting this bit
to a 1, both the 10Mbits/s transceiver and the 100Mbits/s transceiver will be
powered down. While in the power down state, the PHY will respond to
management transactions. The default state is a 0.
0.10 (ISOLATE)
R/W
Isolate. When this bit is set to a 1, the MII outputs will be brought to the
high-impedance state. The default state is a 0.
0.9 (REDONWAY)
R/W
Restart Autonegotiation. Normally, the autonegotiation process is started
at powerup. The process may be restarted by setting this bit to a 1. The
default state is a 0. The NWAYDONE bit (register 1, bit 5) is reset when this
bit goes to a 1. This bit is self-cleared when autonegotiation restarts.
0.8 (FULL_DUP)
R/W
Duplex Mode. This bit reflects the mode of operation (1 = full duplex; 0 =
half duplex). This bit is ignored when the autonegotiation enable bit
(register 0, bit 12) is enabled. The default state is a 0. This bit is ORed with
the F_DUP pin.
0.7 (COLTST)
R/W
Collision Test. When this bit is set to a 1, the PHY will assert the MCOL
signal in response to MTX_EN.
0.6:0 (RESERVED)
NA
Reserved. All bits will read 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com