Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2776DBVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM2776DBVT
Description  Switched Capacitor Inverter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2776DBVT Datasheet(HTML) 5 Page - Texas Instruments

  LM2776DBVT Datasheet HTML 1Page - Texas Instruments LM2776DBVT Datasheet HTML 2Page - Texas Instruments LM2776DBVT Datasheet HTML 3Page - Texas Instruments LM2776DBVT Datasheet HTML 4Page - Texas Instruments LM2776DBVT Datasheet HTML 5Page - Texas Instruments LM2776DBVT Datasheet HTML 6Page - Texas Instruments LM2776DBVT Datasheet HTML 7Page - Texas Instruments LM2776DBVT Datasheet HTML 8Page - Texas Instruments LM2776DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Output Current (A)
0.0001
0.001
0.01
0.1
1
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
D001
TA = -40°C
TA = 25°C
TA = 85°C
Input Voltage (V)
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
0.000
0.005
0.010
0.015
0.020
0.025
0.030
0.035
D002
TA = -40°C
TA = 25°C
TA = 85°C
5
LM2776
www.ti.com
SNVSA56A – MAY 2015 – REVISED FEBRUARY 2016
Product Folder Links: LM2776
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
6.5 Electrical Characteristics
Typical limits tested at TA = 25°C. Minimum and maximum limits apply over the full operating ambient temperature range
(
−40°C ≤ TA ≤ +85°C). VIN = 3.6 V, CIN = COUT = 2.2 µF, C1 = 1 µF
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IQ
Supply current
EN = 1. No load
100
200
µA
ISD
Shutdown supply current
EN = 0
0.1
1
µA
VEN
Enable pin input threshold voltage
Normal operation
1.2
V
Shutdown mode
0.4
ROUT
Output resistance
2.5
Ω
ICL
Output current limit
400
mA
UVLO
Undervoltage lockout
VIN Falling
2.4
V
VIN Rising
2.6
6.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ƒSW
Switching frequency
1.7
2
2.3
MHz
6.7 Typical Characteristics
(Typical Application circuit, VIN = 3.6 V unless otherwise specified.)
VIN = 5.5 V
Figure 1. Output Ripple vs Output Current
IOUT = 100 mA
Figure 2. Output Ripple vs Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com