Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2776DBVT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM2776DBVT
Description  Switched Capacitor Inverter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2776DBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM2776DBVT Datasheet HTML 2Page - Texas Instruments LM2776DBVT Datasheet HTML 3Page - Texas Instruments LM2776DBVT Datasheet HTML 4Page - Texas Instruments LM2776DBVT Datasheet HTML 5Page - Texas Instruments LM2776DBVT Datasheet HTML 6Page - Texas Instruments LM2776DBVT Datasheet HTML 7Page - Texas Instruments LM2776DBVT Datasheet HTML 8Page - Texas Instruments LM2776DBVT Datasheet HTML 9Page - Texas Instruments LM2776DBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
IOUT (A)
0
10
20
30
40
50
60
70
80
90
100
10P
100P
1m
10m
100m
D005
D006
D007
TA = -40°C
TA = 25°C
TA = 85°C
IOUT (A)
-5.4
-5.3
-5.2
-5.1
-5.0
-4.9
-4.8
-4.7
10P
100P
1m
10m
100m
D009
TA = -40°C
TA = 25°C
TA = 85°C
Output Current (A)
0.0001
0.001
0.01 0.02 0.05 0.1 0.2
0.5
1
1
2
3
5
10
20
30
50
100
200
300
500
1000
D005
D006
TA = -40°C
TA = 25°C
TA = 85°C
IOUT (A)
0
10
20
30
40
50
60
70
80
90
100
10P
100P
1m
10m
100m
D005
D006
D007
TA = -40°C
TA = 25°C
TA = 85°C
VIN (V)
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
0
0.0000005
0.000001
0.0000015
0.000002
-0.0000005
D003
TA = -40°C
TA = 25°C
TA = 85°C
VIN (V)
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
0
0.00002
0.00004
0.00006
0.00008
0.0001
0.00012
D004
TA = -40°C
TA = 25°C
TA = 85°C
6
LM2776
SNVSA56A – MAY 2015 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LM2776
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
(Typical Application circuit, VIN = 3.6 V unless otherwise specified.)
Figure 3. Shutdown Current vs Input Voltage
No load
Figure 4. Quiescent Current vs Input Voltage
VIN = 5.5 V
Figure 5. Output Impedance vs Output Current
VIN = 5.5 V
Figure 6. Efficiency vs Output Current
VIN = 3.6 V
Figure 7. Efficiency vs Output Current
VIN = 5.5 V
Figure 8. Output Voltage vs Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com