Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2776DBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM2776DBVT
Description  Switched Capacitor Inverter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2776DBVT Datasheet(HTML) 1 Page - Texas Instruments

  LM2776DBVT Datasheet HTML 1Page - Texas Instruments LM2776DBVT Datasheet HTML 2Page - Texas Instruments LM2776DBVT Datasheet HTML 3Page - Texas Instruments LM2776DBVT Datasheet HTML 4Page - Texas Instruments LM2776DBVT Datasheet HTML 5Page - Texas Instruments LM2776DBVT Datasheet HTML 6Page - Texas Instruments LM2776DBVT Datasheet HTML 7Page - Texas Instruments LM2776DBVT Datasheet HTML 8Page - Texas Instruments LM2776DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Input Voltage (V)
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
D005
TA = -40°C
TA = 25°C
TA = 85°C
VIN
EN
LM2776
GND
VOUT
C1+
C1-
2.2 PF
2.2 PF
1 PF
2.7 V to 5.5 V
-VIN @ up to 200mA
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM2776
SNVSA56A – MAY 2015 – REVISED FEBRUARY 2016
LM2776 Switched Capacitor Inverter
1
1 Features
1
•
Input Voltage: 2.7 V to 5.5 V
•
200-mA Output Current
•
Inverts Input Supply Voltage
•
Low-Current PFM Mode Operation
•
2-MHz Switching Frequency
•
Greater than 90% Efficiency
•
Current Limit and Thermal Protection
•
No Inductors
2 Applications
•
Operational Amplifier Power Supplies
•
Interface Power Supplies
•
Data Converter Supplies
•
Audio Amplifier Power Supplies
•
Portable Electronic Devices
3 Description
The LM2776 CMOS charge-pump voltage converter
inverts a positive voltage in the range from 2.7 V to
5.5 V to the corresponding negative voltage. The
LM2776 uses three low-cost capacitors to provide
200 mA of output current without the cost, size, and
electromagnetic
interference
(EMI)
related
to
inductor-based converters.
With an operating current of only 100
μA and
operating efficiency greater than 90% at most loads,
the LM2776 provides ideal performance for battery-
powered systems requiring a high power negative
power supply.
The LM2776 has been placed in TI's 6-pin SOT-23 to
maintain a small form factor.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM2776
SOT-23 (6)
2.90 mm × 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
space
space
space
Typical Application
Output Impedance vs Input Voltage
IOUT = 100 mA


Similar Part No. - LM2776DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM27761 TI1-LM27761 Datasheet
1Mb / 29P
Low-Noise Regulated Switched-Capacitor Voltage Inverter
LM27761 TI2-LM27761 Datasheet
1Mb / 27P
LM27761 Low-Noise, Regulated, Switched-Capacitor Voltage Inverter
REVISED OCTOBER 2025
LM27761DSGR TI1-LM27761DSGR Datasheet
1Mb / 29P
Low-Noise Regulated Switched-Capacitor Voltage Inverter
LM27761DSGR TI2-LM27761DSGR Datasheet
1Mb / 27P
LM27761 Low-Noise, Regulated, Switched-Capacitor Voltage Inverter
REVISED OCTOBER 2025
LM27761DSGR.A TI2-LM27761DSGR.A Datasheet
1Mb / 27P
LM27761 Low-Noise, Regulated, Switched-Capacitor Voltage Inverter
REVISED OCTOBER 2025
More results

Similar Description - LM2776DBVT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2682 NSC-LM2682 Datasheet
136Kb / 7P
Switched Capacitor Voltage Doubling Inverter
logo
Linear Technology
LTC1261 LINER-LTC1261 Datasheet
310Kb / 16P
Switched Capacitor Regulated Voltage Inverter
logo
ON Semiconductor
NCP1729 ONSEMI-NCP1729 Datasheet
165Kb / 22P
Switched Capacitor Voltage Inverter
June, 2004 ??Rev. 3
logo
Intersil Corporation
ICL828 INTERSIL-ICL828 Datasheet
78Kb / 7P
Switched-Capacitor Voltage Inverter
June 2000
logo
ON Semiconductor
NCP1729 ONSEMI-NCP1729_06 Datasheet
178Kb / 22P
Switched Capacitor Voltage Inverter
March, 2006 ??Rev. 4
logo
Linear Technology
LTC1261L LINER-LTC1261L_15 Datasheet
2Mb / 14P
Switched Capacitor Regulated Voltage Inverter
LTC1261 LINER-LTC1261_15 Datasheet
483Kb / 18P
Switched Capacitor Regulated Voltage Inverter
logo
Texas Instruments
LM2776 TI-LM2776_15 Datasheet
1Mb / 23P
LM2776 Switched Capacitor Inverter
logo
Global Mixed-mode Techn...
G5931 GMT-G5931_15 Datasheet
63Kb / 1P
Switched Capacitor Voltage Inverter
logo
ON Semiconductor
NCP1729 ONSEMI-NCP1729_16 Datasheet
176Kb / 23P
Switched Capacitor Voltage Inverter
February, 2016 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com