Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuC7122BBCZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADuC7122BBCZ
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuC7122BBCZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADuC7122BBCZ Datasheet HTML 3Page - Analog Devices ADuC7122BBCZ Datasheet HTML 4Page - Analog Devices ADuC7122BBCZ Datasheet HTML 5Page - Analog Devices ADuC7122BBCZ Datasheet HTML 6Page - Analog Devices ADuC7122BBCZ Datasheet HTML 7Page - Analog Devices ADuC7122BBCZ Datasheet HTML 8Page - Analog Devices ADuC7122BBCZ Datasheet HTML 9Page - Analog Devices ADuC7122BBCZ Datasheet HTML 10Page - Analog Devices ADuC7122BBCZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 96 page
background image
Data Sheet
ADuC7122
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FLASH/EE MEMORY
Endurance11
10,000
Cycles
Data Retention12
20
Years
TJ = 85°C
DIGITAL INPUTS
All digital inputs excluding XTALI and XTALO
Logic 1 Input Current
±0.2
±1
µA
VIH = VDD or VIH = 5 V
Logic 0 Input Current
−40
−60
µA
VIL = 0 V; except TDI
Input Capacitance
10
pF
LOGIC INPUTS4
All logic inputs excluding XTALI
VINL, Input Low Voltage4
0.8
V
VINH, Input High Voltage4
2.0
V
LOGIC OUTPUTS
All digital outputs excluding XTALO
VOH, Output High Voltage
2.4
V
ISOURCE = 1.6 mA
VOL, Output Low Voltage13
0.4
V
ISINK = 1.6 mA
CRYSTAL INPUTS XTALI and XTALO
Logic Inputs, XTALI Only
VINL, Input Low Voltage
1.1
V
VINH, Input High Voltage
1.7
V
XTALI Input Capacitance
20
pF
XTALO Output Capacitance
20
pF
INTERNAL OSCILLATOR
32.768
kHz
±3
%
MCU CLOCK RATE
From 32 kHz Internal Oscillator
326
kHz
CD = 7
From 32 kHz External Crystal
41.78
MHz
CD = 0
Using an External Clock
0.05
41.78
MHz
TA = 95°C
START-UP TIME
Core clock = 41.78 MHz
At Power-On
70
ms
From Pause/Nap Mode
24
ns
CD = 0
3.06
µs
CD = 7
From Sleep Mode
1.58
ms
From Stop Mode
1.7
ms
PROGRAMMABLE LOGIC ARRAY (PLA)
Pin Propagation Delay
12
ns
From input pin to output pin
Element Propagation Delay
2.5
ns
POWER REQUIREMENTS14, 15
Power Supply Voltage Range
AVDD to AGND and IOVDD to IOGND
3.0
3.6
V
Analog Power Supply Currents
AVDD Current
200
µA
ADC in idle mode
Digital Power Supply Current
IOVDD Current in Normal Mode
Code executing from Flash/EE
7
mA
CD = 7
11
mA
CD = 3
30
40
mA
CD = 0 (41.78 MHz clock)
IOVDD Current in Pause Mode4
25
mA
CD = 0 (41.78 MHz clock)
IOVDD Current in Sleep Mode4
100
µA
TA = 85°C
Additional Power Supply Currents
ADC
2.7
mA
At 1 MSPS
DAC
250
µA
Per DAC
Rev. A | Page 7 of 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com