Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuC7122BBCZ Datasheet(PDF) 16 Page - Analog Devices

Part # ADuC7122BBCZ
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuC7122BBCZ Datasheet(HTML) 16 Page - Analog Devices

Back Button ADuC7122BBCZ Datasheet HTML 12Page - Analog Devices ADuC7122BBCZ Datasheet HTML 13Page - Analog Devices ADuC7122BBCZ Datasheet HTML 14Page - Analog Devices ADuC7122BBCZ Datasheet HTML 15Page - Analog Devices ADuC7122BBCZ Datasheet HTML 16Page - Analog Devices ADuC7122BBCZ Datasheet HTML 17Page - Analog Devices ADuC7122BBCZ Datasheet HTML 18Page - Analog Devices ADuC7122BBCZ Datasheet HTML 19Page - Analog Devices ADuC7122BBCZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 96 page
background image
ADuC7122
Data Sheet
Pin No.
Mnemonic
Type
19F
1
Description
H3
P1.4/PWM1/PLAI[8]/ECLK/XCLK
I/O
General-Purpose Input and Output Port 1.4 (P1.4).
PWM1 Output (PWM1).
Input to PLA Element 8 (PLAI[8]).
Base System Clock Output (ECLK).
Base System Clock Input (XCLK).
J3
P1.5/PWM2/PLAI[9]
I/O
General-Purpose Input and Output Port 1.5 (P1.5).
PWM2 Output (PWM2).
Input to PLA Element 9 (PLAI[9]).
B3
P1.6/PLAO[5]
I/O
General-Purpose Input and Output Port 1.6 (P1.6).
Output of PLA Element 5 (PLAO[5]).
B2
P1.7/PLAO[4]
I/O
General-Purpose Input and Output Port 1.7 (P1.7).
Output of PLA Element 4 (PLAO[4]).
F11
P2.0/IRQ0/PLAI[13]
I/O
General-Purpose Input and Output Port 2.0 (P2.0).
External Interrupt Request 0 (IRQ0).
Input to PLA Element 13 (PLAI[13]).
G11
P2.1/IRQ1/PLAI[12]
I/O
General-Purpose Input and Output Port 2.1 (P2.1).
External Interrupt Request 1 (IRQ1).
Input to PLA Element 12 (PLAI[12]).
H11
P2.2/PLAI[1]
I/O
General-Purpose Input and Output Port 2.2 (P2.2).
Input to PLA Element 1 (PLAI[1]).
J11
P2.3/IRQ2/PLAI[14]
I/O
General-Purpose Input and Output Port 2.3 (P2.3).
External Interrupt Request 2 (IRQ2).
Input to PLA Element 14 (PLAI[14]).
H10
P2.4/PWM5/PLAO[7]
I/O
General-Purpose Input and Output Port 2.4 (P2.4).
PWM5 Output (PWM5).
Output of PLA Element 7 (PLAO[7]).
J10
P2.5/PWM6/PLAO[6]
I/O
General-Purpose Input and Output Port 2.5 (P2.5).
PWM6 Output (PWM6).
Output of PLA Element 6 (PLAO[6]).
C1
P2.6/IRQ3/PLAI[15]
I/O
General-Purpose Input and Output Port 2.6 (P2.6).
External Interrupt Request 3 (IRQ3).
Input to PLA Element 15 (PLAI[15]).
C9
P2.7/PLAI[0]
I/O
General-Purpose Input and Output Port 2.7 (P2.7).
Input to PLA Element 0 (PLAI[0]).
C4
P3.0/PLAO[0]
I/O
General-Purpose Input and Output Port 3.0 (P3.0).
Output of PLA Element 0 (PLAO[0]).
C11
P3.1/PLAO[1]
I/O
General-Purpose Input and Output Port 3.1 (P3.1).
Output of PLA Element 1 (PLAO[1]).
D1
P3.2/IRQ4/PWM3/PLAO[2]
I/O
General-Purpose Input and Output Port 3.2 (P3.2).
External Interrupt Request 4 (IRQ4).
PWM3 Output (PWM3).
Output of PLA Element 2 (PLAO[2]).
E1
P3.3/IRQ5/PWM4/PLAO[3]
I/O
General-Purpose Input and Output Port 3.3 (P3.3).
External Interrupt Request 5 (IRQ5).
PWM4 Output (PWM4).
Output of PLA Element 3 (PLAO[3]).
E2
P3.4/PLAO[8]
I/O
General-Purpose Input and Output Port 3.4 (P3.4).
Output of PLA Element 8 (PLAO[8]).
F2
P3.5/PLAO[9]
I/O
General-Purpose Input and Output Port 3.5 (P3.5).
Output of PLA Element 9 (PLAO[9]).
D12
P3.6/PLAO[10]
I/O
General-Purpose Input and Output Port 3.6 (P3.6).
Output of PLA Element 10 (PLAO[10]).
Rev. A | Page 16 of 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com